Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JVK042ABJ0R5ZD-P Datasheet(PDF) 11 Page - Taiyo Yuden (U.S.A.), Inc

Part # JVK042ABJ0R5ZD-P
Description  Notice for TAIYO YUDEN products
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

JVK042ABJ0R5ZD-P Datasheet(HTML) 11 Page - Taiyo Yuden (U.S.A.), Inc

Back Button JVK042ABJ0R5ZD-P Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc JVK042ABJ0R5ZD-P Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc JVK042ABJ0R5ZD-P Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc JVK042ABJ0R5ZD-P Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc JVK042ABJ0R5ZD-P Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc JVK042ABJ0R5ZD-P Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc JVK042ABJ0R5ZD-P Datasheet HTML 13Page - Taiyo Yuden (U.S.A.), Inc JVK042ABJ0R5ZD-P Datasheet HTML 14Page - Taiyo Yuden (U.S.A.), Inc JVK042ABJ0R5ZD-P Datasheet HTML 15Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
13
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
13
PARTS NUMBER
【Temperature Characteristic B7 : X7R】 1.6mm thickness(L)
HALT
Rated voltage x %
UMK316 B7224[]L-T
X7R
0.22 μ
±10,±20
2.5
200
1.6±0.20
R/W
UMK316 B7474[]L-T
X7R
0.47 μ
±10,±20
3.5
200
1.6±0.20
R/W
UMK316 B7105[]L-T
X7R
1 μ
±10,±20
3.5
200
1.6±0.20
R
UMK316 B7225[]L-T
X7R
2.2 μ
±10,±20
10
150
1.6±0.20
R
UMK316AB7475[]L-T
UMK316 B7475[]L-T
X7R
4.7 μ
±10,±20
10
150
1.6±0.20
R
TMK316 B7105[]L-T
X7R
1 μ
±10,±20
3.5
200
1.6±0.20
R/W
TMK316 B7225[]L-T
X7R
2.2 μ
±10,±20
3.5
200
1.6±0.20
R
TMK316AB7475[]L-T
TMK316 B7475[]L-T
X7R
4.7 μ
±10,±20
10
200
1.6±0.20
R
TMK316AB7106[]L-T
TMK316 B7106[]L-TD
X7R
10 μ
±10,±20
10
150
1.6±0.20
R
EMK316 B7225[]L-T
X7R
2.2 μ
±10,±20
3.5
200
1.6±0.20
R/W
EMK316AB7106[]L-T
EMK316 B7106[]L-TD
X7R
10 μ
±10,±20
10
200
1.6±0.20
R
LMK316 B7225[]L-T
X7R
2.2 μ
±10,±20
3.5
200
1.6±0.20
R/W
LMK316 B7475[]L-T
X7R
4.7 μ
±10,±20
5
200
1.6±0.20
R
LMK316AB7106[]L-T
LMK316 B7106[]L-TD
X7R
10 μ
±10,±20
10
200
1.6±0.20
R
LMK316AB7226[]L-TR
LMK316 B7226[]L-TD
X7R
22 μ
±10,±20
10
150
1.6±0.20
R
JMK316 B7106[]L-T
6.3
X7R
10 μ
±10,±20
5
200
1.6±0.20
R
【Temperature Characteristic B7 : X7R】 0.85mm thickness(D)
HALT
Rated voltage x %
UMK316 B7225[]D-T
50
X7R
2.2 μ
±10,±20
10
150
0.85±0.10
R
TMK316AB7475[]D-T
25
X7R
4.7 μ
±10,±20
10
150
0.85±0.10
R
LMK316AB7106MD-T
10
X7R
10 μ
±20
10
150
0.85±0.10
R
【Temperature Characteristic F : F/Y5V】 1.6mm thickness(L)
HALT
Rated voltage x %
GMK316 F106ZL-T
35
F
Y5V
10 μ
+80/-20
9
200
1.6±0.20
R
TMK316 F106ZL-T
25
F
Y5V
10 μ
+80/-20
9
200
1.6±0.20
R
EMK316 F106ZL-T
16
F
Y5V
10 μ
+80/-20
9
200
1.6±0.20
R
LMK316 F226ZL-T
10
F
Y5V
22 μ
+80/-20
16
200
1.6±0.20
R
【Temperature Characteristic F : F/Y5V】 1.25mm thickness(G)
HALT
Rated voltage x %
UMK316 F225ZG-T
50
F
Y5V
2.2 μ
+80/-20
7
200
1.25±0.10
R/W
GMK316 F475ZG-T
35
F
Y5V
4.7 μ
+80/-20
7
200
1.25±0.10
R
【Temperature Characteristic F : F/Y5V】 0.85mm thickness(D)
HALT
Rated voltage x %
LMK316 F475ZD-T
10
F
Y5V
4.7 μ
+80/-20
9
200
0.85±0.10
R
JMK316 F106ZD-T
6.3
F
Y5V
10 μ
+80/-20
16
200
0.85±0.10
R
325TYPE
【Temperature Characteristic BJ : B/X5R】 2.5mm thickness(M)
HALT
Rated voltage x %
UMK325 BJ475[]M-T
X5R
4.7 μ
±10,±20
5
150
2.5±0.20
R
UMK325 BJ106[]M-T
X5R
10 μ
±10,±20
5
150
2.5±0.20
R
TMK325 BJ106[]M-T
B
X5R
*1
10 μ
±10,±20
3.5
150
2.5±0.20
R
TMK325 BJ226[]M-T
X5R
22 μ
±10,±20
10
150
2.5±0.20
R
EMK325 BJ226[]M-T
B
X5R
22 μ
±10,±20
5
150
2.5±0.20
R
EMK325 BJ476MM-T
X5R
47 μ
±20
10
150
2.5±0.20
R
LMK325 BJ226[]M-T
B
X5R
22 μ
±10,±20
5
200
2.5±0.20
R
LMK325 BJ476MM-T
X5R
47 μ
±20
10
150
2.5±0.20
R
LMK325ABJ107MM-T
LMK325 BJ107MM-T
X5R
100 μ
±20
10
150
2.5±0.30
R
JMK325 BJ476MM-T
X5R
47 μ
±20
10
150
2.5±0.20
R
JMK325ABJ107MM-T
JMK325 BJ107MM-T
X5R
100 μ
±20
10
150
2.5±0.30
R
AMK325ABJ227MM-T
4
X5R
220 μ
±20
10
150
2.5±0.30
R
【Temperature Characteristic BJ : B/X5R】 1.9mm thickness(Y,N)
HALT
Rated voltage x %
UMK325 BJ475[]N-T
50
X5R
4.7 μ
±10,±20
10
150
1.9±0.20
R
GMK325 BJ225MN-T
B
X5R
2.2 μ
±20
3.5
200
1.9±0.20
R
GMK325 BJ475[]N-T
X5R
4.7 μ
±10,±20
10
150
1.9±0.20
R
GMK325 BJ106[]N-T
B
X5R
10 μ
±10,±20
5
150
1.9±0.20
R
TMK325 BJ335MN-T
B
X5R
*1
3.3 μ
±20
3.5
200
1.9±0.20
R
TMK325 BJ475[]N-T
B
X5R
*1
4.7 μ
±10,±20
3.5
200
1.9±0.20
R
TMK325 BJ106[]N-T
B
X5R
10 μ
±10,±20
5
200
1.9±0.20
R
EMK325 BJ475[]N-T
B
X5R
*1
4.7 μ
±10,±20
3.5
200
1.9±0.20
R
EMK325 BJ106[]N-T
B
X5R
10 μ
±10,±20
3.5
200
1.9±0.20
R
EMK325 BJ476MY-T
X5R
47 μ
±20
10
150
1.9+0.1/-0.2
R
LMK325 BJ226MY-T
B
X5R
22 μ
±20
5
150
1.9+0.1/-0.2
R
LMK325 BJ106[]N-T
B
X5R
10 μ
±10,±20
3.5
200
1.9±0.20
R
JMK325 BJ226MY-T
B
X5R
22 μ
±20
5
200
1.9+0.1/-0.2
R
JMK325 BJ107MY-T
X5R
100 μ
±20
10
150
1.9+0.1/-0.2
R
JMK325 BJ476MN-T
X5R
47 μ
±20
10
150
1.9±0.20
R
Thickness
*3
[mm]
Thickness
*3
[mm]
Capacitance
[F]
Thickness
*3
[mm]
Capacitance
[F]
Capacitance
tolerance [%]
tanδ
[%]
Soldering
R:Reflow
W:Wave
Thickness
*3
[mm]
Thickness
*3
[mm]
Temperature
characteristics
16
Soldering
R:Reflow
W:Wave
Soldering
R:Reflow
W:Wave
Part number 1
Part number 2
Rated voltage [V]
Temperature
characteristics
Part number 1
Part number 2
Rated voltage [V]
Temperature
characteristics
Part number 1
Part number 1
Part number 2
Part number 1
Part number 2
Soldering
R:Reflow
W:Wave
Capacitance
[F]
Capacitance
tolerance [%]
tanδ
[%]
Thickness
*3
[mm]
Part number 1
Part number 2
Rated voltage [V]
Temperature
characteristics
Temperature
characteristics
Capacitance
[F]
Part number 2
Capacitance
tolerance [%]
tanδ
[%]
Soldering
R:Reflow
W:Wave
Thickness
*3
[mm]
Part number 1
Part number 2
Rated voltage [V]
Temperature
characteristics
Soldering
R:Reflow
W:Wave
Capacitance
tolerance [%]
Capacitance
[F]
Capacitance
[F]
Capacitance
tolerance [%]
tanδ
[%]
Capacitance
tolerance [%]
tanδ
[%]
tanδ
[%]
Soldering
R:Reflow
W:Wave
Temperature
characteristics
Capacitance
[F]
Capacitance
tolerance [%]
tanδ
[%]
6.3
10
Rated voltage [V]
10
6.3
16
10
35
50
50
25
Rated voltage [V]
Rated voltage [V]
25
25
16


Similar Description - JVK042ABJ0R5ZD-P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com