Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

7101T1HV2BE Datasheet(PDF) 7 Page - C&K Components

Part # 7101T1HV2BE
Description  7000 Series Miniature Toggle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7101T1HV2BE Datasheet(HTML) 7 Page - C&K Components

Back Button 7101T1HV2BE Datasheet HTML 3Page - C&K Components 7101T1HV2BE Datasheet HTML 4Page - C&K Components 7101T1HV2BE Datasheet HTML 5Page - C&K Components 7101T1HV2BE Datasheet HTML 6Page - C&K Components 7101T1HV2BE Datasheet HTML 7Page - C&K Components 7101T1HV2BE Datasheet HTML 8Page - C&K Components 7101T1HV2BE Datasheet HTML 9Page - C&K Components 7101T1HV2BE Datasheet HTML 10Page - C&K Components 7101T1HV2BE Datasheet HTML 11Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
F–9
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
7000 Series
Miniature Toggle Switches
TERMINATIONS
Switch support with CW, H, H3, H4, Y1, Y4
bushings and KXX actuators.
Terminal Nos.
For Reference Only
Actuator Shown
In Pos. 1
SECTION A-A
Dim 'A'
PC MOUNTING
PC MOUNTING
Dim 'A'
.030 (0,76) Thk.
.030 (0,76) Thk.
.030 (0,76) Thk.
Z
SOLDER LUG
C
PC THRU-HOLE
Z3
QUICK CONNECT
A3
RIGHT ANGLE, SNAP-IN, PC THRU-HOLE
AW1, AW4
RIGHT ANGLE, EXTENDED,
PC THRU-HOLE
W, W1, W3, W4, W5
WIRE WRAP
SPDT thru 4PDT
SPDT thru 4PDT
SPDT thru 4PDT
Not available with P, R or S contact materials.
Not available with P, R or S contact materials.
Mating quick connector available, order part
number 530100000, page F-16.
Not available with I seal option.
Terminal bend radii and lead-in manufacturing option.
SPDT thru 4PDT
W
.750 (19,05)
W1
.964 (24,48)
W3
.425 (10,80)
W4
1.062 (26,97)
W5
1.305 (33,15)
DIM ‘A’
OPTION
CODE
AW1
.72 (18,3)
AW4
.83 (21,1)
DIM ‘A’
OPTION
CODE
Part No. Shown: 7101MHABE
7101MD9ABE
Horizontal Actuation
SPDT
A
RIGHT ANGLE, PC THRU-HOLE


Similar Part No. - 7101T1HV2BE

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101TCQE CK-COMPONENTS-7101TCQE Datasheet
1Mb / 14P
   Multi-pole and multi-position
More results

Similar Description - 7101T1HV2BE

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101SD9AV2BE CK-COMPONENTS-7101SD9AV2BE Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7201SYZQE CK-COMPONENTS-7201SYZQE_13 Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com