Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMC1210ER100K Datasheet(PDF) 1 Page - Vishay Siliconix

Part # IMC1210ER100K
Description  Wirewound, Surface Mount Molded Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IMC1210ER100K Datasheet(HTML) 1 Page - Vishay Siliconix

  IMC1210ER100K Datasheet HTML 1Page - Vishay Siliconix IMC1210ER100K Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Document Number: 34043
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 15-Mar-11
1
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound, Surface Mount Molded Inductors
IMC-1210
Vishay Dale
Note
(1) Rated DC current based on the maximum temperature rise, not
to exceed 40 °C at + 85 °C ambient
FEATURES
• Printed marking
• Molded construction provides superior strength
and moisture resistance
• Compatible with vapor phase and infrared reflow
soldering
• Tape
and
reel
packaging
for
automatic
handling,
2000/reel, EIA-481
• Compliant to RoHS Directive 2002/95/EC
ELECTRICAL SPECIFICATIONS
Inductance Range: 0.01 μH to 220 μH
Inductance and Tolerance: ± 20 % for 0.01 μH to 0.82 μH,
± 10 % for 1.0 μH to 220 μH standard. Special tolerances
available.
Operating Temperature: - 55 °C to + 125 °C
Coilform Material: Non-magnetic from 0.01 μH to 0.10 μH
Powdered iron from 0.12 μH to 100 μH
Ferrite from 120 μH to 220 μH
TEST EQUIPMENT
• HP4342A Q meter with Vishay Dale test fixture or equivalent
• HP4191A RF impedance analyzer (for SRF measurements)
• Wheatstone brigde
STANDARD ELECTRICAL SPECIFICATIONS
IND.
(μH)
TOL.
TEST FREQ.
(MHz)
Q
MIN.
SRF
MIN.
(MHz)
DCR
MAX.
(
)
RATED DC
CURRENT
(mA) (1)
L & Q
0.010
20 %
50
30
1000
0.13
734
0.012
20 %
50
30
1000
0.14
707
0.015
20 %
50
30
1000
0.16
661
0.018
20 %
50
30
1000
0.18
624
0.022
20 %
50
30
1000
0.20
592
0.027
20 %
50
30
1000
0.22
564
0.033
20 %
50
30
1000
0.24
540
0.039
20 %
50
30
1000
0.27
530
0.047
20 %
50
30
1000
0.30
483
0.056
20 %
50
30
1000
0.33
470
0.068
20 %
50
30
1000
0.36
450
0.082
20 %
50
30
900
0.40
450
0.10
20 %
50
30
700
0.44
450
0.12
20 %
25.2
30
500
0.22
584
0.15
20 %
25.2
30
450
0.25
548
0.18
20 %
25.2
30
400
0.28
518
0.22
20 %
25.2
30
350
0.32
484
0.27
20 %
25.2
30
320
0.36
456
0.33
20 %
25.2
30
300
0.40
453
0.39
20 %
25.2
30
250
0.45
450
0.47
20 %
25.2
30
220
0.50
450
0.56
20 %
25.2
30
180
0.55
450
0.68
20 %
25.2
30
160
0.60
450
0.82
20 %
25.2
30
140
0.67
450
1.0
10 %
7.96
30
120
0.70
400
1.2
10 %
7.96
30
100
0.75
390
1.5
10 %
7.96
30
85
0.85
370
1.8
10 %
7.96
30
80
0.90
350
2.2
10 %
7.96
30
75
1.0
320
2.7
10 %
7.96
30
70
1.1
290
3.3
10 %
7.96
30
60
1.2
260
3.9
10 %
7.96
30
55
1.3
250
4.7
10 %
7.96
30
50
1.5
224
5.6
10 %
7.96
30
45
1.6
217
6.8
10 %
7.96
30
40
1.8
204
8.2
10 %
7.96
30
38
2.0
194
10
10 %
2.52
30
33
2.1
189
12
10 %
2.52
30
30
2.5
173
15
10 %
2.52
30
21
2.8
164
18
10 %
2.52
30
20
3.3
151
22
10 %
2.52
30
19
3.7
145
27
10 %
2.52
30
18
5.0
122
33
10 %
2.52
30
16
6.0
112
39
10 %
2.52
30
15
7.0
104
47
10 %
2.52
30
14
9.0
91
56
10 %
2.52
30
12
10.0
87
68
10 %
2.52
30
11
11.0
83
82
10 %
2.52
30
10
12.0
79
100
10 %
0.796
20
9
14.0
73
120
10 %
0.796
15
8
11.0
70
150
10 %
0.796
15
6.5
15.0
65
180
10 %
0.796
15
6
17.0
60
220
10 %
0.796
15
6
21.0
50
DIMENSIONS in inches [millimeters]
PART MARKING
- Vishay Dale
- Inductance value
- Date code
Guidelines for
Parallel Component
Printed Circuit
Mounting Pads on
IMC-1210-100
Chip Inductors
0.006
[0.152]
Ref.
Typ.
0.040
[1.02]
0.098 ± 0.008
[2.49 ± 0.203]
0.030
[0.762]
Typ.
0.126 ± 0.008
[3.20 ± 0.203]
0.028 ± 0.004
[0.711 ± 0.102]
Typ.
0.073
[1.85]
Ref.
0.087 ± 0.008
[2.21 ± 0.203]
0.118
[3.0]
0.118
[3.0]
0.039
[1.0]
0.039
[1.0]
0.070
[1.8]
0.138
[3.5]
0.020 (1)
[0.5]
Note
(1) Recommended spacing between components
DESCRIPTION
IMC-1210
10 μH
± 10 %
ER
e3
MODEL
INDUCTANCE VALUE
INDUCTANCE TOLERANCE
PACKAGE CODE
JEDEC LEAD (Pb)-FREE STANDARD
GLOBAL PART NUMBER
I
M
C
1
210
E
R
10
0
K
PRODUCT
FAMILY
SIZE
PACKAGE
CODE
INDUCTANCE
VALUE
TOL.


Similar Part No. - IMC1210ER100K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC1210ER100K VISHAY-IMC1210ER100K Datasheet
72Kb / 2P
   Wirewound, Surface Mount Molded Inductors
Revision: 15-Mar-11
IMC1210ER100K VISHAY-IMC1210ER100K Datasheet
69Kb / 2P
   Wirewound, Surface-Mount Molded Inductors
IMC1210ER100K VISHAY-IMC1210ER100K Datasheet
55Kb / 2P
   Wirewound, Surface-Mount Molded Inductors
01-Jan-2022
More results

Similar Description - IMC1210ER100K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IMC-1210 VISHAY-IMC-1210_17 Datasheet
78Kb / 2P
   Wirewound, Surface Mount Molded Inductors
Revision: 02-Jun-15
IMC1210ER100K VISHAY-IMC1210ER100K Datasheet
72Kb / 2P
   Wirewound, Surface Mount Molded Inductors
Revision: 15-Mar-11
IMC1210ER1R0K VISHAY-IMC1210ER1R0K Datasheet
72Kb / 2P
   Wirewound, Surface Mount Molded Inductors
Revision: 15-Mar-11
IMC1210ER220K VISHAY-IMC1210ER220K Datasheet
72Kb / 2P
   Wirewound, Surface Mount Molded Inductors
Revision: 15-Mar-11
IMC1210 VISHAY-IMC1210 Datasheet
69Kb / 2P
   Wirewound, Surface-Mount Molded Inductors
IMC1812EU221K VISHAY-IMC1812EU221K Datasheet
84Kb / 3P
   Wirewound, Surface Mount, Molded Inductors
Revision: 23-Feb-11
IMC1812ER391K VISHAY-IMC1812ER391K Datasheet
84Kb / 3P
   Wirewound, Surface Mount, Molded Inductors
Revision: 23-Feb-11
IMC-1210 VISHAY-IMC-1210_V01 Datasheet
55Kb / 2P
   Wirewound, Surface-Mount Molded Inductors
01-Jan-2022
IMCH-1812 VISHAY-IMCH-1812_V01 Datasheet
52Kb / 2P
   Wirewound, Surface Mount, Molded Inductors
01-Jan-2022
IMC1812ER101K VISHAY-IMC1812ER101K Datasheet
84Kb / 3P
   Wirewound, Surface Mount, Molded Inductors
Revision: 23-Feb-11
IMC1812ER4R7K VISHAY-IMC1812ER4R7K Datasheet
89Kb / 3P
   Wirewound, Surface Mount, Molded Inductors
Revision: 23-Feb-11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com