Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JMK212BJ106KD-T Datasheet(PDF) 8 Page - Taiyo Yuden (U.S.A.), Inc

Part # JMK212BJ106KD-T
Description  Notice for TAIYO YUDEN products
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

JMK212BJ106KD-T Datasheet(HTML) 8 Page - Taiyo Yuden (U.S.A.), Inc

Back Button JMK212BJ106KD-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ106KD-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ106KD-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ106KD-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ106KD-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ106KD-T Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ106KD-T Datasheet HTML 10Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ106KD-T Datasheet HTML 11Page - Taiyo Yuden (U.S.A.), Inc JMK212BJ106KD-T Datasheet HTML 12Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
13
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
10
PARTS NUMBER
HALT
Rated voltage x %
EMK107 BJ224[]A-T
B
X5R
*1
0.22 μ
±10,±20
3.5
200
0.8±0.10
R/W
EMK107 BJ474[]A-T
B
X5R
*1
0.47 μ
±10,±20
3.5
200
0.8±0.10
R
EMK107 BJ105[]A-T
B
X5R
*1
1 μ
±10,±20
5
150
0.8±0.10
R
EMK107 BJ225[]A-T
B
X5R
2.2 μ
±10,±20
10
150
0.8±0.10
R
EMK107ABJ475[]A-T
EMK107 BJ475[]A-TD
X5R
4.7 μ
±10,±20
10
150
0.8+0.15/-0.05
R
EMK107BBJ106MA-T
X5R
10 μ
±20
10
150
0.8+0.20/-0
R
LMK107 BJ224[]A-T
B
X5R
*1
0.22 μ
±10,±20
3.5
200
0.8±0.10
R/W
LMK107 BJ474[]A-T
B
X5R
*1
0.47 μ
±10,±20
3.5
200
0.8±0.10
R
LMK107 BJ105[]A-T
B
X5R
*1
1 μ
±10,±20
5
200
0.8±0.10
R
LMK107 BJ225[]A-T
B
X5R
2.2 μ
±10,±20
10
150
0.8±0.10
R
LMK107 BJ475[]A-T
X5R
4.7 μ
±10,±20
10
150
0.8±0.10
R
LMK107BBJ106MALT
LMK107 BJ106MALTD
X5R
10 μ
±20
10
150
0.8+0.20/-0
R
JMK107 BJ225[]A-T
B
X5R
2.2 μ
±10,±20
10
150
0.8±0.10
R
JMK107 BJ475[]A-T
X5R
4.7 μ
±10,±20
10
150
0.8±0.10
R
JMK107ABJ106MA-T
JMK107 BJ106MA-T
X5R
10 μ
±20
10
150
0.8+0.15/-0.05
R
AMK107 BJ106MA-T
X5R
10 μ
±20
10
150
0.8±0.10
R
AMK107BBJ226MA-T
AMK107 BJ226MA-T
X5R
22 μ
±20
10
150
0.8+0.20/-0
R
【Temperature Characteristic BJ : B/X5R】 0.45mm thickness(K)
HALT
Rated voltage x %
TMK107 BJ105[]K-T
25
X5R
1 μ
±10,±20
10
150
0.45±0.05
R
EMK107 BJ105[]K-T
X5R
1 μ
±10,±20
10
150
0.45±0.05
R
EMK107BBJ225[]K-T
X5R
2.2 μ
±10,±20
10
150
0.45±0.05
R
LMK107 BJ105[]K-T
B
X5R
1 μ
±10,±20
10
150
0.45±0.05
R
LMK107 BJ225[]K-T
X5R
2.2 μ
±10,±20
10
150
0.45±0.05
R
LMK107BBJ475MKLT
LMK107 BJ475MKLTD
X5R
4.7 μ
±20
10
150
0.45±0.05
R
JMK107 BJ105[]K-T
B
X5R
1 μ
±10,±20
10
150
0.45±0.05
R
JMK107 BJ225[]K-T
X5R
2.2 μ
±10,±20
10
150
0.45±0.05
R
JMK107 BJ475MK-T
X5R
4.7 μ
±20
10
150
0.45±0.05
R
JMK107BBJ106MK-T
X5R
10 μ
±20
10
150
0.45±0.05
R
AMK107BBJ106MK-T
4
X5R
10 μ
±20
10
150
0.45±0.05
R
【Temperature Characteristic C6 : X6S】 0.8mm thickness(A)
HALT
Rated voltage x %
EMK107 C6105[]A-T
16
X6S
1 μ
±10,±20
5
150
0.8±0.10
R
LMK107 C6105[]A-T
10
X6S
1 μ
±10,±20
5
150
0.8±0.10
R
JMK107 C6105[]A-T
X6S
1 μ
±10,±20
5
150
0.8±0.10
R
JMK107 C6475[]A-T
X6S
4.7 μ
±10,±20
10
150
0.8±0.10
R
JMK107BC6106MA-T
X6S
10 μ
±20
10
150
0.8+0.20/-0
R
AMK107AC6106MA-T
4
X6S
10 μ
±20
10
150
0.8+0.15/-0.05
R
【Temperature Characteristic B7 : X7R】 0.8mm thickness(A)
HALT
Rated voltage x %
UMK107 B7224[]A-TR
X7R
0.22 μ
±10,±20
10
150
0.8±0.10
R
UMK107 B7474[]A-TR
X7R
0.47 μ
±10,±20
10
150
0.8±0.10
R
UMK107AB7105[]A-T
X7R
1 μ
±10,±20
10
150
0.8+0.15/-0.05
R
TMK107 B7474[]A-TR
X7R
0.47 μ
±10,±20
10
150
0.8±0.10
R
TMK107 B7105[]A-T
X7R
1 μ
±10,±20
10
150
0.8±0.10
R
EMK107 B7224[]A-T
X7R
0.22 μ
±10,±20
3.5
150
0.8±0.10
R/W
EMK107 B7474[]A-T
X7R
0.47 μ
±10,±20
3.5
150
0.8±0.10
R
EMK107 B7105[]A-T
X7R
1 μ
±10,±20
5
150
0.8±0.10
R
LMK107 B7224[]A-T
X7R
0.22 μ
±10,±20
3.5
200
0.8±0.10
R/W
LMK107 B7474[]A-T
X7R
0.47 μ
±10,±20
3.5
200
0.8±0.10
R
LMK107 B7105[]A-T
X7R
1 μ
±10,±20
5
150
0.8±0.10
R
LMK107 B7225[]A-TR
X7R
2.2 μ
±10,±20
10
150
0.8±0.10
R
JMK107 B7224[]A-T
X7R
0.22 μ
±10,±20
3.5
200
0.8±0.10
R/W
JMK107 B7474[]A-T
X7R
0.47 μ
±10,±20
3.5
200
0.8±0.10
R
JMK107 B7105[]A-T
X7R
1 μ
±10,±20
5
150
0.8±0.10
R
【Temperature Characteristic F : F/Y5V】 0.8mm thickness(A)
HALT
Rated voltage x %
UMK107 F104ZA-T
50
F
Y5V
0.1 μ
+80/-20
7
200
0.8±0.10
R/W
TMK107 F474ZA-T
25
F
Y5V
0.47 μ
+80/-20
7
200
0.8±0.10
R/W
EMK107 F224ZA-T
F
Y5V
0.22 μ
+80/-20
7
200
0.8±0.10
R/W
EMK107 F474ZA-T
F
Y5V
0.47 μ
+80/-20
7
200
0.8±0.10
R/W
EMK107 F105ZA-T
F
Y5V
1 μ
+80/-20
16
200
0.8±0.10
R
EMK107 F225ZA-T
F
Y5V
2.2 μ
+80/-20
16
200
0.8±0.10
R
LMK107 F105ZA-T
F
Y5V
1 μ
+80/-20
16
200
0.8±0.10
R
LMK107 F225ZA-T
F
Y5V
2.2 μ
+80/-20
16
200
0.8±0.10
R
212TYPE
【Temperature Characteristic BJ : B/X5R】 1.25mm thickness(G)
HALT
Rated voltage x %
UMK212 BJ104[]G-T
B
X5R
*1
0.1 μ
±10,±20
3.5
200
1.25±0.10
R/W
UMK212 BJ224[]G-T
B
X5R
*1
0.22 μ
±10,±20
3.5
200
1.25±0.10
R/W
UMK212 BJ474[]G-T
B
X5R
*1
0.47 μ
±10,±20
3.5
150
1.25±0.10
R/W
UMK212 BJ105[]G-T
B
X5R
1 μ
±10,±20
5
150
1.25±0.10
R/W
UMK212ABJ225[]G-T
B
X5R
2.2 μ
±10,±20
10
150
1.25+0.15/-0.05
R
UMK212BBJ475[]G-T
X5R
4.7 μ
±10,±20
10
150
1.25+0.20/-0
R
Part number 2
Part number 1
Part number 2
10
6.3
16
10
Capacitance
[F]
Temperature
characteristics
Temperature
characteristics
tanδ
[%]
Capacitance
tolerance [%]
Soldering
R:Reflow
W:Wave
tanδ
[%]
Thickness
*3
[mm]
Thickness
*3
[mm]
Soldering
R:Reflow
W:Wave
Capacitance
tolerance [%]
tanδ
[%]
Capacitance
[F]
Capacitance
tolerance [%]
tanδ
[%]
Soldering
R:Reflow
W:Wave
Thickness
*3
[mm]
Capacitance
[F]
Capacitance
tolerance [%]
16
Rated voltage [V]
Rated voltage [V]
6.3
Rated voltage [V]
Capacitance
[F]
Soldering
R:Reflow
W:Wave
Thickness
*3
[mm]
Part number 1
Part number 2
Rated voltage [V]
Capacitance
tolerance [%]
Capacitance
tolerance [%]
Temperature
characteristics
Capacitance
[F]
Capacitance
[F]
50
10
Part number 1
Part number 2
Temperature
characteristics
Part number 1
Part number 2
6.3
Temperature
characteristics
Part number 1
tanδ
[%]
Soldering
R:Reflow
W:Wave
16
Rated voltage [V]
Thickness
*3
[mm]
50
25
6.3
4
16
10
Soldering
R:Reflow
W:Wave
Part number 1
Part number 2
tanδ
[%]
Thickness
*3
[mm]
Rated voltage [V]
Temperature
characteristics


Similar Part No. - JMK212BJ106KD-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
JMK212BJ106KD-T TAIYO-YUDEN-JMK212BJ106KD-T Datasheet
350Kb / 2P
   HIGH VALUE MULTILAYER CERAMIC CAPACITORS
More results

Similar Description - JMK212BJ106KD-T

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMK316B7225KL-T TAIYO-YUDEN-TMK316B7225KL-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
EVK105CH0R3BW-F TAIYO-YUDEN-EVK105CH0R3BW-F Datasheet
1Mb / 21P
   Notice for TAIYO YUDEN products?
LEM2520 TAIYO-YUDEN-LEM2520 Datasheet
627Kb / 12P
   Notice for TAIYO YUDEN products?
LMK107BJ475KA-T TAIYO-YUDEN-LMK107BJ475KA-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
LMK325B7106KN-T TAIYO-YUDEN-LMK325B7106KN-T Datasheet
1Mb / 2P
   Notice for TAIYO YUDEN products
JWK107B7224MV TAIYO-YUDEN-JWK107B7224MV Datasheet
753Kb / 21P
   Notice for TAIYO YUDEN products
LK16082R7K-T TAIYO-YUDEN-LK16082R7K-T Datasheet
646Kb / 31P
   Notice for TAIYO YUDEN products
LBR2012T470M TAIYO-YUDEN-LBR2012T470M Datasheet
651Kb / 14P
   Notice for TAIYO YUDEN products
UMK316AB7475KL-T TAIYO-YUDEN-UMK316AB7475KL-T Datasheet
2Mb / 27P
   Notice for TAIYO YUDEN products?
LMK212B7225KG-T TAIYO-YUDEN-LMK212B7225KG-T Datasheet
1Mb / 51P
   Notice for TAIYO YUDEN products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com