Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DE3L-DBAA Datasheet(PDF) 3 Page - Hirose Electric

Part # DE3L-DBAA
Description  Snap-Action Switches Seven terminal variations
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DE3L-DBAA Datasheet(HTML) 3 Page - Hirose Electric

  DE3L-DBAA Datasheet HTML 1Page - Hirose Electric DE3L-DBAA Datasheet HTML 2Page - Hirose Electric DE3L-DBAA Datasheet HTML 3Page - Hirose Electric DE3L-DBAA Datasheet HTML 4Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - DE3L-DBAA

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DE3L20U SHINDENGEN-DE3L20U Datasheet
460Kb / 7P
   Super Fast Recovery Rectifiers(200V 3A)
DE3L20UA SHINDENGEN-DE3L20UA Datasheet
144Kb / 4P
   Fast Recovery Diode
DE3L40 SHINDENGEN-DE3L40 Datasheet
447Kb / 7P
   Super Fast Recovery Rectifiers(400V 3A)
logo
Inchange Semiconductor ...
DE3L40 ISC-DE3L40 Datasheet
322Kb / 2P
   Ultrafast Recovery Rectifier
logo
Shindengen Electric Mfg...
DE3L40A SHINDENGEN-DE3L40A Datasheet
144Kb / 4P
   Fast Recovery Diode
More results

Similar Description - DE3L-DBAA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
   SNAP ACTION SWITCHES
logo
TE Connectivity Ltd
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
   Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
   Snap Action Switches
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
   Snap Action Switches
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
   SNAP ACTION SWITCHES-MINIATURE
logo
List of Unclassifed Man...
11-304 ETC2-11-304 Datasheet
1Mb / 30P
   LICON. SNAP ACTION SWITCHES
logo
SHINMEI ELECTRIC CO., L...
MQS-53 SHINMEI-MQS-53 Datasheet
171Kb / 6P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
logo
SHINMEI ELECTRIC CO., L...
MQS-54 SHINMEI-MQS-54 Datasheet
311Kb / 11P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS1 E-SWITCH-TS1 Datasheet
90Kb / 1P
   SNAP ACTION SWITCHES - SUB-MINIATURE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com