Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJ4940S-2.5 Datasheet(PDF) 6 Page - HTC Korea TAEJIN Technology Co.

Part # TJ4940S-2.5
Description  1A Ultra Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ4940S-2.5 Datasheet(HTML) 6 Page - HTC Korea TAEJIN Technology Co.

  TJ4940S-2.5 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ4940S-2.5 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ4940S-2.5 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ4940S-2.5 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ4940S-2.5 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ4940S-2.5 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ4940S-2.5 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ4940S-2.5 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1A Ultra Low Dropout Linear Regulator
TJ4940
Jul. 2011 – Preliminary
6/8
HTC
APPLICATION INFORMATION
Maximum Output Current Capability
The TJ4940 can deliver a continuous current of 1A over the full operating junction temperature range.
However, the output current is limited by the restriction of power dissipation which differs from packages.
A heat sink may be required depending on the maximum power dissipation and maximum ambient
temperature of application. With respect to the applied package, the maximum output current of 1A may
be still undeliverable due to the restriction of the power dissipation of TJ4940. Under all possible
conditions, the junction temperature must be within the range specified under operating conditions.
The temperatures over the device are given by:
TC = TA + PD X θCA / TJ = TC + PD X θJC / TJ = TA + PD X θJA
where TJ is the junction temperature, TC is the case temperature, TA is the ambient temperature, PD is the
total power dissipation of the device, θCA is the thermal resistance of case-to-ambient, θJC is the thermal
resistance of junction-to-case, and θJA is the thermal resistance of junction to ambient.
The total power dissipation of the device is given by:
PD = PIN – POUT = (VIN X IIN)–(VOUT X IOUT)
= (VIN X (IOUT+IGND)) – (VOUT X IOUT) = (VIN - VOUT) X IOUT + VIN X IGND
where IGND is the operating ground current of the device which is specified at the Electrical Characteristics.
The maximum allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax)
of the application, and the maximum allowable junction temperature (TJmax):
TRmax = TJmax – TAmax
The maximum allowable value for junction-to-ambient thermal resistance, θJA, can be calculated using the
formula:
θJA = TRmax / PD = (TJmax – TAmax) / PD
TJ4940 is available in SOT-223, and TO-252 packages. The thermal resistance depends on amount of
copper area or heat sink, and on air flow. If the maximum allowable value of θJA calculated above is as
described in Table 1, no heat sink is needed since the package can dissipate enough heat to satisfy these
requirements. If the value for allowable θJA falls near or below these limits, a heat sink or proper area of
copper plane is required.


Similar Part No. - TJ4940S-2.5

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ49150 HTC-TJ49150 Datasheet
279Kb / 11P
   1.5A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
TJ49150GD HTC-TJ49150GD Datasheet
279Kb / 11P
   1.5A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
TJ49150GDP HTC-TJ49150GDP Datasheet
279Kb / 11P
   1.5A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
TJ49150GRS HTC-TJ49150GRS Datasheet
279Kb / 11P
   1.5A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
TJ49300 HTC-TJ49300 Datasheet
574Kb / 12P
   3.0A Very Low Input / Output Voltage Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ4940S-2.5

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com