Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJ4230 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # TJ4230
Description  3A Ultra Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ4230 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  TJ4230 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ4230 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ4230 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ4230 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ4230 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ4230 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ4230 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ4230 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ4230 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
3A Ultra Low Dropout Linear Regulator
TJ4230
Apr. 2011 – Rev. 1. 0
2/9
HTC
Ordering Information
VOUT
Package
Order No.
Description
Package Marking
Status
SOP8-PP
TJ4230GDP-ADJ
3A, Adjustable, Enable
TJ4230G-ADJ
Contact Us
TO-252 5L
TJ4230GRS-ADJ-5L
3A, Adjustable, Enable
TJ4230G-ADJ
Contact Us
ADJ
TO-263 5L
TJ4230GR-ADJ-5L
3A, Adjustable, Enable
TJ4230G-ADJ
Contact Us
SOP8-PP
TJ4230GDP-1.0V
3A, Enable, SENSE
TJ4230G-1.0
Contact Us
TO-252 3L
TJ4230GRS-1.0V-3L
3A
TJ4230G-1.0
Contact Us
TO-252 5L
TJ4230GRS-1.0V-5L
3A, Enable, SENSE
TJ4230G-1.0
Contact Us
TO-263 3L
TJ4230GR-1.0V-3L
3A
TJ4230G-1.0
Contact Us
1.0V
TO-263 5L
TJ4230GR-1.0V-5L
3A, Enable, SENSE
TJ4230G-1.0
Contact Us
SOP8-PP
TJ4230GDP-1.2
3A, Enable, SENSE
TJ4230G-1.2
Contact Us
TO-252 3L
TJ4230GRS-1.2V-3L
3A
TJ4230G-1.2
Contact Us
TO-252 5L
TJ4230GRS-1.2V-5L
3A, Enable, SENSE
TJ4230G-1.2
Contact Us
TO-263 3L
TJ4230GR-1.2V-3L
3A
TJ4230G-1.2
Contact Us
1.2V
TO-263 5L
TJ4230GR-1.2V-5L
3A, Enable, SENSE
TJ4230G-1.2
Contact Us
SOP8-PP
TJ4230GDP-1.8V
3A, Enable, SENSE
TJ4230G-1.8
Contact Us
TO-252 3L
TJ4230GRS-1.8V-3L
3A
TJ4230G-1.8
Contact Us
TO-252 5L
TJ4230GRS-1.8V-5L
3A, Enable, SENSE
TJ4230G-1.8
Contact Us
TO-263 3L
TJ4230GR-1.8V-3L
3A
TJ4230G-1.8
Contact Us
1.8V
TO-263 5L
TJ4230GR-1.8V-5L
3A, Enable, SENSE
TJ4230G-1.8
Contact Us
SOP8-PP
TJ4230GDP-2.5V
3A, Enable, SENSE
TJ4230G-2.5
Contact Us
TO-252 3L
TJ4230GRS-2.5V-3L
3A
TJ4230G-2.5
Contact Us
TO-252 5L
TJ4230GRS-2.5V-5L
3A, Enable, SENSE
TJ4230G-2.5
Contact Us
TO-263 3L
TJ4230GR-2.5V-3L
3A
TJ4230G-2.5
Contact Us
2.5V
TO-263 5L
TJ4230GR-2.5V-5L
3A, Enable, SENSE
TJ4230G-2.5
Contact Us
SOP8-PP
TJ4230GDP-3.3V
3A, Enable, SENSE
TJ4230G-3.3
Contact Us
TO-252 3L
TJ4230GRS-3.3V-3L
3A
TJ4230G-3.3
Contact Us
TO-252 5L
TJ4230GRS-3.3V-5L
3A, Enable, SENSE
TJ4230G-3.3
Contact Us
TO-263 3L
TJ4230GR-3.3V-3L
3A
TJ4230G-3.3
Contact Us
3.3V
TO-263 5L
TJ4230GR-3.3V-5L
3A, Enable, SENSE
TJ4230G-3.3
Contact Us
Lead Count : 3L / 5L (Applied for TO252 and TO263 only)
Output Voltage : ADJ / 1.0V / 1.2V / 1.8V / 2.5V / 3.3V
Package Type
DP
RS
R
: SOP8-PP
: TO252
: TO263
Root Name
Product Code
T J 4 2 3 0 G R S – A D J – 5 L
Material Class
G
Blank
: Halogen Free
: Pb Free


Similar Part No. - TJ4230

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ4203GQ-ADJ HTC-TJ4203GQ-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GQ-X.X HTC-TJ4203GQ-X.X Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GSF5-ADJ HTC-TJ4203GSF5-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GSF5-X.X HTC-TJ4203GSF5-X.X Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
TJ4203GTF5-ADJ HTC-TJ4203GTF5-ADJ Datasheet
1Mb / 10P
   300mA Ultra Low Dropout Linear Regulator
More results

Similar Description - TJ4230

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8903C A-POWER-APE8903C Datasheet
114Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
UP7706 ETC2-UP7706 Datasheet
369Kb / 12P
   3A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8981 A-POWER-APE8981 Datasheet
200Kb / 11P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
201204032
APE8903B A-POWER-APE8903B Datasheet
1Mb / 10P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L1806 UTC-L1806 Datasheet
227Kb / 7P
   3A, ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com