Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJ2110LGMD Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # TJ2110LGMD
Description  Single-Channel Power Distribution Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ2110LGMD Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  TJ2110LGMD Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ2110LGMD Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ2110LGMD Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ2110LGMD Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TJ2110LGMD Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. TJ2110LGMD Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. TJ2110LGMD Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. TJ2110LGMD Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. TJ2110LGMD Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Single-Channel Power Distribution Switch
TJ2110
Jun. 2012
– R1.3
- 4 -
HTC
TYPICAL APPLICATION CIRCUIT
EN
FLG
OUT
GND
IN
VCC
3.0V to 5V
USB
Control
USB
Ports
TJ2110
D+
D-
VBUS
GND
0.1uF
33uF
0.1uF
VCONT
10K
FUNCTION BLOCK DIAGRAM
Current
Limit
Flag
Logic
Thermal
Shutdown
UVLO
BIAS
Gate
Control
EN
FLG
OUT
IN
GND


Similar Part No. - TJ2110LGMD

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ2132 HTC-TJ2132 Datasheet
1Mb / 13P
   2.0A Low Output Voltage Ultra LDO Regulator
TJ2132GDP HTC-TJ2132GDP Datasheet
1Mb / 13P
   2.0A Low Output Voltage Ultra LDO Regulator
TJ2132GQ HTC-TJ2132GQ Datasheet
1Mb / 13P
   2.0A Low Output Voltage Ultra LDO Regulator
More results

Similar Description - TJ2110LGMD

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6861C FITIPOWER-FP6861C Datasheet
606Kb / 16P
   Single-Channel Power Distribution Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Diodes Incorporated
AP22802 DIODES-AP22802 Datasheet
552Kb / 14P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
logo
Micrel Semiconductor
MIC2025 MICREL-MIC2025_10 Datasheet
1,011Kb / 14P
   Single-Channel Power Distribution Switch MM8짰
logo
Diodes Incorporated
AP22811 DIODES-AP22811 Datasheet
503Kb / 17P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
DS39135 Rev. 4 - 2
AP22804 DIODES-AP22804 Datasheet
932Kb / 19P
   SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
July 2017
logo
Advanced Monolithic Sys...
AMS2027 ADMOS-AMS2027 Datasheet
46Kb / 5P
   SINGLE POWER DISTRIBUTION SWITCH
AMS2027 ADMOS-AMS2027_05 Datasheet
50Kb / 5P
   SINGLE POWER DISTRIBUTION SWITCH
logo
Micrel Semiconductor
MIC2040 MICREL-MIC2040 Datasheet
640Kb / 15P
   Single Channel Low Voltage Power Distribution Switch
MIC2025 MICREL-MIC2025 Datasheet
138Kb / 16P
   Single-Channel Power Distribution Switch Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com