Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITR-D3T-SD6-A Datasheet(PDF) 6 Page - Source Photonics, Inc.

Part # ITR-D3T-SD6-A
Description  1310/1490/1555nm Integrated Triplexer Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

ITR-D3T-SD6-A Datasheet(HTML) 6 Page - Source Photonics, Inc.

Back Button ITR-D3T-SD6-A Datasheet HTML 2Page - Source Photonics, Inc. ITR-D3T-SD6-A Datasheet HTML 3Page - Source Photonics, Inc. ITR-D3T-SD6-A Datasheet HTML 4Page - Source Photonics, Inc. ITR-D3T-SD6-A Datasheet HTML 5Page - Source Photonics, Inc. ITR-D3T-SD6-A Datasheet HTML 6Page - Source Photonics, Inc. ITR-D3T-SD6-A Datasheet HTML 7Page - Source Photonics, Inc. ITR-D3T-SD6-A Datasheet HTML 8Page - Source Photonics, Inc. ITR-D3T-SD6-A Datasheet HTML 9Page - Source Photonics, Inc. ITR-D3T-SD6-A Datasheet HTML 10Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ITR-D3T-SD6-A
DS-5863 Rev 01
Table 8 - Microcontroller Specifications
Parameter
Minimum
Typical
Maximum
Unit
Notes
Operating Voltage
3.14
3.30
3.46
V
SDA
a
-
-
-
-
LVTTL, open collector serial data line from the I
2C
bus to the on board Microcontroller.
SCL
b
-
-
-
-
LVTTL, open collector serial clock line from the I
2
C
bus to the on board Microcontroller.
Reset hold
c
30
-
-
ms
LVTTL input, internal 50kΩ pull-up. Active Low
Interrupt
-
-
-
-
LVTTL output, internal 100kΩ pull-up. Active Low
a I2C SDA and SCL must be open collector or open drain connections.
b Clock stretching, as per paragraph 13.2 of the I2C Bus Standard, must be implemented to operate correctly.
c Please see Table 9 and the timing diagram in Figure 2 below for the recommended system start-up sequence.
Table 9 – Suggested Start-up Sequence
Step
Action
1
Power up the host system, with the RESET pin pulled to ground via a
≤4.7kΩ resistor.
2
Drive the RESET pin LOW.
3
Set the BEN control lines to disable the transmitter (BEN lines must be driven with differential logic).
4
Ensure power to the unit is on.
5
Drive the RESET pin HIGH to release the unit to become operational.
6
Wait approximately 250ms until the INTERRUPT pin goes LOW.
7
Read bytes A2.70/71/74/75 to clear the interrupt condition. Verify that byte A2.75 bit 7 was set. Use multi-byte read of bytes
70/71 and bytes 74/75.
8
Wait 50ms. Verify that the INTERRUPT pin has changed to HIGH.
9
The unit is now ready for normal operation.
Figure 2 - Recommended transceiver module start-up sequence


Similar Part No. - ITR-D3T-SD6-A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
ITR-D3T-SD6-2 SOURCE-ITR-D3T-SD6-2 Datasheet
364Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-4 SOURCE-ITR-D3T-SD6-4 Datasheet
327Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
More results

Similar Description - ITR-D3T-SD6-A

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
ITR-D3T-SD9 SOURCE-ITR-D3T-SD9 Datasheet
577Kb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-4 SOURCE-ITR-D3T-SD6-4 Datasheet
327Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD6-2 SOURCE-ITR-D3T-SD6-2 Datasheet
364Kb / 10P
   1310/1490/1555nm Integrated Triplexer Transceiver
ITR-D3T-SD5-2 SOURCE-ITR-D3T-SD5-2 Datasheet
1Mb / 11P
   1310/1490/1555nm Integrated Triplexer Transceiver
SFX-34-24T-HP-XDFH SOURCE-SFX-34-24T-HP-XDFH Datasheet
377Kb / 15P
   1310/1490 Integrated Diplexer Transceiver
logo
OPLINK Communications I...
MWDMGFTTXH011H OPLINK-MWDMGFTTXH011H Datasheet
281Kb / 2P
   FTTX 1310/1490/1550 WDM
MWDMGFTTX-S0034 OPLINK-MWDMGFTTX-S0034 Datasheet
152Kb / 2P
   Green FTTX 1310/1490/1550 WDM
logo
Optoway Technology Inc
SPB-9920MG OPTOWAY-SPB-9920MG Datasheet
177Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9940MG OPTOWAY-SPB-9940MG Datasheet
178Kb / 6P
   1490 nm TX / 1310 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
SPB-9805MG OPTOWAY-SPB-9805MG Datasheet
177Kb / 6P
   1310 nm TX / 1490 nm RX , 3.3V / Multirate Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com