Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM37101D-1.8 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM37101D-1.8
Description  1A Low-Voltage Low-Dropout Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM37101D-1.8 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM37101D-1.8 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM37101D-1.8 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM37101D-1.8 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM37101D-1.8 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM37101D-1.8 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM37101D-1.8 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM37101D-1.8 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM37101D-1.8 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM37101D-1.8 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
1A Low-Voltage Low-Dropout Regulator
LM37101/37102
Nov. 2011 – R1.1
- 2
-
HTC
Operating Ratings (Note 2)
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
Supply Voltage
VIN
+ 2.25
+ 16
V
Enable Voltage
VEN
+ 2.25
+ 16
V
Maximum Power Dissipation
PD(max-SOP8)
(Note 3)
0.77
W
PD(max-TO-252)
(Note 3)
0.952
Junction Temperature
TJ
-40
+ 125
Package Thermal Resistance
θJA-SOP-8
130
/W
θJC-SOP-8
30
/W
Ordering Information
VOUT
Package
Order No.
Description
Supplied As
Status
1.5V
SOP-8
LM37101D-1.5
1A, Fixed, Enable
Reel
Contact us.
TO-252
LM37101RS-1.5
1A, Fixed, Enable
Reel
Contact us.
1.8V
SOP-8
LM37101D-1.8
1A, Fixed, Enable
Reel
Contact us.
TO-252
LM37101RS-1.8
1A, Fixed, Enable
Reel
Contact us.
2.5V
SOP-8
LM37101D-2.5
1A, Fixed, Enable
Reel
Contact us.
TO-252
LM37101RS-2.5
1A, Fixed, Enable
Reel
Contact us.
3.3V
SOP-8
LM37101D-3.3
1A, Fixed, Enable
Reel
Contact us.
TO-252
LM37101RS-3.3
1A, Fixed, Enable
Reel
Contact us.
5.0V
SOP-8
LM37101D-5.0
1A, Fixed, Enable
Reel
Contact us.
TO-252
LM37101RS-5.0
1A, Fixed, Enable
Reel
Contact us.
ADJ
SOP-8
LM37102D
1A, Adjustable, Enable
Reel
Active
TO-252
LM37102RS
1A, Adjustable, Enable
Reel
Contact us.
Package Type
Root Name
Product Code
3710X
Output Voltage : 1.5V / 1.8V / 2.5V / 3.3V / 5.0V / Blank(ADJ Only)
37101 : Fixed Output
37102 : Adjustable Output
TJ
D
RS
: SOP-8
: TO-252


Similar Part No. - LM37101D-1.8

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM37101D-1.8V HTC-LM37101D-1.8V Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
More results

Similar Description - LM37101D-1.8

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
102Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
MIC39100 MICREL-MIC39100_05 Datasheet
453Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39100 HTC-LM39100 Datasheet
325Kb / 9P
   1A Low-Voltage Low-Dropout Regulator
logo
Unisonic Technologies
LM39102 UTC-LM39102_17 Datasheet
169Kb / 5P
   1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com