Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TJ1052 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # TJ1052
Description  CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TJ1052 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  TJ1052 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TJ1052 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TJ1052 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TJ1052 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1052
Jul. 2010 – Preliminary
- 1 -
HTC
SOT-23 6L
ORDERING INFORMATION
Device
Package
FEATURES
Constant Voltage and Constant Current Control
Low Voltage Operation
Precision Internal Component Count
Current Sink Output Stage
Easy Compensation
Low AC Mains Voltage Rejection
Moisture Sensitivity Level 3
APPLICATION
Battery Chargers
Adapters
TJ1052SF6
TJ1052GSF6
SOT-23 6L
DESCRIPTION
TJ1052 is a highly integrated solution for SMPS applications requiring constant voltage and constant current
mode. TJ1052 integrates one voltage reference, two operational amplifiers (with one output - common
collectors), and a current sensing circuit. The voltage reference combined with one operational amplifier makes
it an ideal voltage controller, and the other low voltage reference combined with the other operational amplifier
makes it an ideal current limiter for output low side current sensing. The current threshold is fixed and precise.
The only external components are :
A resistor bridge to be connected to the output of the power supply (adaptor, battery charger) to set the
voltage regulation by dividing the desired output voltage to match the internal voltage reference value.
A sense resistor having a value and allowable dissipation power which need to be chosen according to the
internal voltage threshold.
TJ1052 is ideal for space shrunk applications such as adapters and battery chargers.
Absolute Maximum Ratings
(TA = 25℃, unless otherwise specified)
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
DC Supply Voltage
VCC
-
20
V
Input Voltage
VIN
-0.3
VCC
V
Operating Free Air Temperature Range
TOPR
0
85
Maximum Junction Temperature
TJ
-
150
Operating Conditions (TA=25℃)
CHARACTERISTIC
SYMBOL
MIN.
MAX.
UNIT
DC Supply Voltage
VCC
2.5
18
V


Similar Part No. - TJ1052

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
TJ1051 HTC-TJ1051 Datasheet
91Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR ADATPTORS AND BATTERY CHARGERS
TJ1051CD HTC-TJ1051CD Datasheet
91Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR ADATPTORS AND BATTERY CHARGERS
TJ1051CL HTC-TJ1051CL Datasheet
91Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR ADATPTORS AND BATTERY CHARGERS
TJ1051D HTC-TJ1051D Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
TJ1051SF6 HTC-TJ1051SF6 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
More results

Similar Description - TJ1052

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28710 TI1-UCC28710_15 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
HTC Korea TAEJIN Techno...
TJ1051 HTC-TJ1051_08 Datasheet
192Kb / 4P
   CONSTANT VOLTAGE & CONSTANT CURRENT CONTROLLER
logo
Texas Instruments
UCC28722 TI1-UCC28722 Datasheet
1Mb / 34P
[Old version datasheet]   Constant-Voltage, Constant-Current Controller
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
   Constant Voltage and Constant Current Controller
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
ON Semiconductor
NCS1002A ONSEMI-NCS1002A Datasheet
101Kb / 9P
   Constant Voltage / Constant Current SecondarySide Controller
June, 2014 ??Rev. 5
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com