Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM37102D Datasheet(PDF) 10 Page - HTC Korea TAEJIN Technology Co.

Part # LM37102D
Description  1A Low-Voltage Low-Dropout Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM37102D Datasheet(HTML) 10 Page - HTC Korea TAEJIN Technology Co.

Back Button LM37102D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM37102D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM37102D Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM37102D Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM37102D Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM37102D Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM37102D Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM37102D Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM37102D Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
1A Low-Voltage Low-Dropout Regulator
LM37101/37102
Nov. 2011 – R1.1
- 10
-
HTC
application. With respect to the applied package, the maximum output current of 1A may be still undeliverable
due to the restriction of the power dissipation of LM37101/2. Under all possible conditions, the junction
temperature must be within the range specified under operating conditions. The temperatures over the device
are given by:
TC = TA + PD X θCA / TJ = TC + PD X θJC / TJ = TA + PD X θJA
where TJ is the junction temperature, TC is the case temperature, TA is the ambient temperature, PD is the total
power dissipation of the device, θCA is the thermal resistance of case-to-ambient, θJC is the thermal resistance of
junction-to-case, and θJA is the thermal resistance of junction to ambient. The total power dissipation of the
device is given by:
PD = PIN – POUT = (VIN X IIN)–(VOUT X IOUT)
= (VIN X (IOUT+IGND)) – (VOUT X IOUT) = (VIN - VOUT) X IOUT + VIN X IGND
where IGND is the operating ground current of the device which is specified at the Electrical Characteristics. The
maximum allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax) of the
application, and the maximum allowable junction temperature (TJmax):
TRmax = TJmax – TAmax
The maximum allowable value for junction-to-ambient thermal resistance, θJA, can be calculated using the
formula:
θJA = TRmax / PD = (TJmax – TAmax) / PD
LM37101/2 is available in SOP-8 package. The thermal resistance depends on amount of copper area or heat
sink, and on air flow. If the maximum allowable value of θJA calculated above is over 130°C/W for SOP-8
package, no heat sink is needed since the package can dissipate enough heat to satisfy these requirements. If
the value for allowable θJA falls near or below these limits, a heat sink or proper area of copper plane is required.
In summary, the absolute maximum ratings of thermal resistances are as follow:
Absolute Maximum Ratings of Thermal Resistance
Characteristic
Symbol
Rating
Unit
Thermal Resistance Junction-To-Ambient / SOP-8
θJA-SOP-8
130
°C/W
Thermal Resistance Junction-To-Ambient / TO-252
θJA-TO-252
95
°C/W
No heat sink / No air flow / No adjacent heat source / 20 mm
2 copper area. (T
A=25°C)


Similar Part No. - LM37102D

ManufacturerPart #DatasheetDescription
logo
HTC Korea TAEJIN Techno...
LM37102D HTC-LM37102D Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37102D-1.5V HTC-LM37102D-1.5V Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37102D-1.8V HTC-LM37102D-1.8V Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37102D-2.5V HTC-LM37102D-2.5V Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
LM37102D-3.3V HTC-LM37102D-3.3V Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
More results

Similar Description - LM37102D

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
102Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
MIC39100 MICREL-MIC39100_05 Datasheet
453Kb / 12P
   1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM39100 HTC-LM39100 Datasheet
325Kb / 9P
   1A Low-Voltage Low-Dropout Regulator
logo
Unisonic Technologies
LM39102 UTC-LM39102_17 Datasheet
169Kb / 5P
   1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
   1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
   1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117 CHAMP-CM1117 Datasheet
181Kb / 6P
   1A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
   1A Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com