Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D217V853S Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # D217V853S
Description  Dual Channel Phototransistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

D217V853S Datasheet(HTML) 2 Page - Fairchild Semiconductor

  D217V853S Datasheet HTML 1Page - Fairchild Semiconductor D217V853S Datasheet HTML 2Page - Fairchild Semiconductor D217V853S Datasheet HTML 3Page - Fairchild Semiconductor D217V853S Datasheet HTML 4Page - Fairchild Semiconductor D217V853S Datasheet HTML 5Page - Fairchild Semiconductor D217V853S Datasheet HTML 6Page - Fairchild Semiconductor D217V853S Datasheet HTML 7Page - Fairchild Semiconductor D217V853S Datasheet HTML 8Page - Fairchild Semiconductor D217V853S Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOCD217M Rev. 1.0.5
2
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only. TA = 25°C unless otherwise specified.
Notes:
1. Input-Output Isolation Voltage, VISO, is an internal device dielectric breakdown rating.
2. For this test, pins 1, 2, 3 and 4 are common and pins 5, 6, 7 and 8 are common.
3. VISO rating of 2500 VAC(rms) for t = 1 minute is equivalent to a rating of 3,000 VAC(rms) for t = 1 second.
Symbol
Rating
Value
Unit
Emitter
IF
Forward Current – Continuous
60
mA
IF (pk)
Forward Current – Peak (PW = 100 µs, 120 pps)
1.0
A
VR
Reverse Voltage
6.0
V
PD
LED Power Dissipation @ TA = 25°C
Derate above 25°C
90
0.8
mW
mW/°C
Detector
VCEO
Collector-Emitter Voltage
30
V
VECO
Emitter-Base Voltage
7.0
V
IC
Collector Current-Continuous
150
mA
PD
Detector Power Dissipation @ TA = 25°C
Derate above 25°C
150
1.76
mW
mW/°C
Total Device
VISO
Input-Output Isolation Voltage (f = 60 Hz, t = 1 minute)
2500
Vac(rms)
PD
Total Device Power Dissipation @ TA = 25°C
Derate above 25°C
250
2.94
mW
mW/°C
TA
Ambient Operating Temperature Range
-40 to +100
°C
Tstg
Storage Temperature Range
-40 to +150
°C


Similar Part No. - D217V853S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D217 ETC1-D217 Datasheet
91Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D217 MPD-D217 Datasheet
219Kb / 2P
   Single & Dual Output Miniature, 2W SIP DC/DC Converters
D217E MPD-D217E Datasheet
181Kb / 2P
   Low Cost, 2W SIP Single & Dual Output DC/DC Converters
D217EI MPD-D217EI Datasheet
168Kb / 2P
   Low Cost, 2W SIP High Isolation DC/DC Converters
D217ERU MPD-D217ERU Datasheet
205Kb / 2P
   Low Cost, 4:1 Input Miniature, 2W SIP DC/DC Converters
More results

Similar Description - D217V853S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOCD207M FAIRCHILD-MOCD207M Datasheet
83Kb / 6P
   DUAL CHANNEL PHOTOTRANSISTOR
logo
Siemens Semiconductor G...
ILH200 SIEMENS-ILH200 Datasheet
76Kb / 4P
   HERMETIC PHOTOTRANSISTOR DUAL CHANNEL OPTOCOUPLER
logo
Vishay Siliconix
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILD610 VISHAY-ILD610_08 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
MCT6H VISHAY-MCT6H Datasheet
95Kb / 7P
   Dual Channel Optocoupler with Phototransistor
Rev. A1, 11-Jan-99
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com