Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D217R2801S Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # D217R2801S
Description  Dual Channel Phototransistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

D217R2801S Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button D217R2801S Datasheet HTML 2Page - Fairchild Semiconductor D217R2801S Datasheet HTML 3Page - Fairchild Semiconductor D217R2801S Datasheet HTML 4Page - Fairchild Semiconductor D217R2801S Datasheet HTML 5Page - Fairchild Semiconductor D217R2801S Datasheet HTML 6Page - Fairchild Semiconductor D217R2801S Datasheet HTML 7Page - Fairchild Semiconductor D217R2801S Datasheet HTML 8Page - Fairchild Semiconductor D217R2801S Datasheet HTML 9Page - Fairchild Semiconductor D217R2801S Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOCD217M Rev. 1.0.5
8
Carrier Tape Specifications
4.0
± 0.10
Ø1.5 MIN
User Direction of Feed
2.0
± 0.05
1.75
± 0.10
5.5
± 0.05
12.0
± 0.3
8.0
± 0.10
0.30 MAX
8.3
± 0.10
3.50
± 0.20
Dimensions in mm
0.1 MAX
6.40
± 0.20
5.20
± 0.20
Ø1.5
± 0.1


Similar Part No. - D217R2801S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D217RU MPD-D217RU Datasheet
223Kb / 2P
   Miniature SIP, 2W Ultra-Wide 4:1 Input DC/DC Converters
D217RW MPD-D217RW Datasheet
198Kb / 2P
   Miniature SIP, 2W Wide Input Range DC/DC Converters
More results

Similar Description - D217R2801S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOCD207M FAIRCHILD-MOCD207M Datasheet
83Kb / 6P
   DUAL CHANNEL PHOTOTRANSISTOR
logo
Siemens Semiconductor G...
ILH200 SIEMENS-ILH200 Datasheet
76Kb / 4P
   HERMETIC PHOTOTRANSISTOR DUAL CHANNEL OPTOCOUPLER
logo
Vishay Siliconix
ILCT6 VISHAY-ILCT6 Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILD610 VISHAY-ILD610 Datasheet
125Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.6, 26-Oct-04
ILCT6 VISHAY-ILCT6_07 Datasheet
123Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 20-Dec-07
MCT6H VISHAY-MCT6H_04 Datasheet
162Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.4, 26-Oct-04
ILD610 VISHAY-ILD610_08 Datasheet
124Kb / 8P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.8, 09-Jan-08
MCT6H VISHAY-MCT6H Datasheet
95Kb / 7P
   Dual Channel Optocoupler with Phototransistor
Rev. A1, 11-Jan-99
MCT6H VISHAY-MCT6H_08 Datasheet
121Kb / 7P
   Optocoupler, Phototransistor Output, Dual Channel
Rev. 1.5, 14-Jan-08
ILD1 VISHAY-ILD1 Datasheet
164Kb / 9P
   Optocoupler, Phototransistor Output (Dual, Quad Channel)
Rev. 1.4, 05-Nov-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com