Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC79L05ACHX Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # MC79L05ACHX
Description  3-Terminal 0.1 A Negative Voltage Regulator-12
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MC79L05ACHX Datasheet(HTML) 3 Page - Fairchild Semiconductor

  MC79L05ACHX Datasheet HTML 1Page - Fairchild Semiconductor MC79L05ACHX Datasheet HTML 2Page - Fairchild Semiconductor MC79L05ACHX Datasheet HTML 3Page - Fairchild Semiconductor MC79L05ACHX Datasheet HTML 4Page - Fairchild Semiconductor MC79L05ACHX Datasheet HTML 5Page - Fairchild Semiconductor MC79L05ACHX Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
© 2004 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MC79L05A / LM79L05A Rev. 1.1.0
3
Typical Application
Design Considerations
The MC79L05A / LC79L05A fixed-voltage regulators are designed with thermal overload protection that shuts down
the circuit when subjected to an excessive power overload condition. Internal short-circuit protection limits the maxi-
mum current the circuit will pass. In many low-current applications, compensation capacitors are not required. How-
ever, it is recommended that the regulator input be bypassed with a capacitor if the regulator is connected to the power
supply filter with long wire lengths, or if the output load capacitance is large. An input bypass capacitor should be
selected to provide good high-frequency characteristics to ensure stable operation under all load conditions. A 0.33
μF
or larger tantalum, mylar, or other capacitor having low internal impedance at high frequencies should be chosen. The
bypass capacitor should be mounted with the shortest possible leads directly across the regulator's input terminals.
Good construction techniques should be used to minimize ground loops and lead resistance drops since the regulator
has no external sense lead. Bypassing the output is also recommended.
A common ground is required between the input and the output voltages. The input voltage must remain typically 2.0 V
above the output voltage, even during the low point on the input ripple voltage.
* CI is required if regulator is located an appreciable distance from power supply filter.
** CO improves stability and transient response.
Figure 2. Positive And Negative Regulator
Figure 3. Typical Application
LM78L05A
MC78L05A
LM79L05A
MC79L05A
I
MC79L05A
LM79L05A


Similar Part No. - MC79L05ACHX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MC79L05ACH FAIRCHILD-MC79L05ACH Datasheet
80Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
MC79L05ACH FAIRCHILD-MC79L05ACH Datasheet
104Kb / 12P
   3-Terminal 0.1A Negative Voltage Regulator
More results

Similar Description - MC79L05ACHX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7905CT FAIRCHILD-LM7905CT Datasheet
286Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
logo
Thinki Semiconductor Co...
LM79XX THINKISEMI-LM79XX Datasheet
407Kb / 3P
   3-Terminal 1 A Negative Voltage Regulator
logo
Fairchild Semiconductor
KA7905ATU FAIRCHILD-KA7905ATU Datasheet
280Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com