Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1117QS-3.3 Datasheet(PDF) 11 Page - HTC Korea TAEJIN Technology Co.

Part # LM1117QS-3.3
Description  1A L.D.O VOLTAGE REGULATOR Qualified to AEC-Q100 Standard
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM1117QS-3.3 Datasheet(HTML) 11 Page - HTC Korea TAEJIN Technology Co.

Back Button LM1117QS-3.3 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM1117QS-3.3 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM1117QS-3.3 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM1117QS-3.3 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM1117QS-3.3 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM1117QS-3.3 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM1117QS-3.3 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM1117QS-3.3 Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM1117QS-3.3 Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
1A L.D.O VOLTAGE REGULATOR(Automotive Grade)
LM1117Q
Jul. 2011 Rev. 1.0
- 11 -
HTC
APPLICATION INFORMATION
Maximum Output Current Capability
The LM1117Q can deliver a continuous current of 1A over the full operating junction temperature range.
However, the output current is limited by the restriction of power dissipation which differs from packages. A heat
sink may be required depending on the maximum power dissipation and maximum ambient temperature of
application. With respect to the applied package, the maximum output current of 1A may be still undeliverable
due to the restriction of the power dissipation of LM1117Q. Under all possible conditions, the junction
temperature must be within the range specified under operating conditions. The temperatures over the device
are given by:
TC = TA + PD X θCA / TJ = TC + PD X θJC / TJ = TA + PD X θJA
where TJ is the junction temperature, TC is the case temperature, TA is the ambient temperature, PD is the total
power dissipation of the device, θCA is the thermal resistance of case-to-ambient, θJC is the thermal resistance of
junction-to-case, and θJA is the thermal resistance of junction to ambient. The total power dissipation of the
device is given by:
PD = PIN – POUT = (VIN X IIN)–(VOUT X IOUT)
= (VIN X (IOUT+IGND)) – (VOUT X IOUT) = (VIN - VOUT) X IOUT + VIN X IGND
where IGND is the operating ground current of the device which is specified at the Electrical Characteristics. The
maximum allowable temperature rise (TRmax) depends on the maximum ambient temperature (TAmax) of the
application, and the maximum allowable junction temperature (TJmax):
TRmax = TJmax – TAmax
The maximum allowable value for junction-to-ambient thermal resistance, θJA, can be calculated using the
formula:
θJA = TRmax / PD = (TJmax – TAmax) / PD
LM1117Q is available in SOT223 package. The thermal resistance depends on amount of copper area or heat
sink, and on air flow. If the maximum allowable value of θJA calculated above is over 137°C/W for SOT-223
package, no heat sink is needed since the package can dissipate enough heat to satisfy these requirements. If
the value for allowable θJA falls near or below these limits, a heat sink or proper area of copper plane is required.
In summary, the absolute maximum ratings of thermal resistances are as follow:
Absolute Maximum Ratings of Thermal Resistance
Characteristic
Symbol
Rating
Unit
Thermal Resistance Junction-To-Ambient / SOT-223
θJA-SOT-223
137
°C/W
No heat sink / No air flow / No adjacent heat source / 0.066 inch
2 copper area. (T
A=25°C)


Similar Part No. - LM1117QS-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117 NSC-LM1117 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
List of Unclassifed Man...
LM1117 ETC1-LM1117 Datasheet
108Kb / 8P
   1A LOWDROP OUT VOLTAGE REGULATOR (ADJUSTABLE & FIXED)
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
   800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
HTC Korea TAEJIN Techno...
LM1117 HTC-LM1117 Datasheet
385Kb / 12P
   1A L.D.O VOLTAGE REGULATOR Output Current up to 1 A
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
More results

Similar Description - LM1117QS-3.3

ManufacturerPart #DatasheetDescription
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD82006FVJ-M ROHM-BD82006FVJ-M Datasheet
1Mb / 26P
   AEC-Q100 Qualified
logo
Murata Manufacturing Co...
935174736710-XXA MURATA1-935174736710-XXA Datasheet
235Kb / 2P
   Qualified according to AEC-Q100
Last updated06/13/2022
logo
Rohm
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com