Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA2690T1R Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPA2690T1R
Description  COMPLEMENTARY MOSFET Low on-state resistance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA2690T1R Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPA2690T1R Datasheet HTML 3Page - Renesas Technology Corp UPA2690T1R Datasheet HTML 4Page - Renesas Technology Corp UPA2690T1R Datasheet HTML 5Page - Renesas Technology Corp UPA2690T1R Datasheet HTML 6Page - Renesas Technology Corp UPA2690T1R Datasheet HTML 7Page - Renesas Technology Corp UPA2690T1R Datasheet HTML 8Page - Renesas Technology Corp UPA2690T1R Datasheet HTML 9Page - Renesas Technology Corp UPA2690T1R Datasheet HTML 10Page - Renesas Technology Corp UPA2690T1R Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
μPA2690T1R
R07DS1000EJ0101 Rev.1.01
Page 10 of 10
Mar 04, 2013
Package Drawings (Unit: mm)
6pinHUSON2020(DUAL)
0.3
± 0.05
1.7
± 0.05
0.3
3
2
1
4
56
3
6
S A B
M
0.05
0.65
± 0.03
S
0.05 S
2
± 0.1
A
B
RENESAS Package code : PWSN0006JD-A
Equivalent Circuit / Pin Assignment
Remark
The diode connected between the gate and source of the transistor serves as a protector against
ESD. When this device actually used, an additional protection circuit is externally required if a
voltage exceeding the rated voltage may be applied to this device.
3
2
1
4
5
6
3
6
N-channel
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
6:
2:
1:
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
P-channel
3:
5:
4:


Similar Part No. - UPA2690T1R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA2600T1R RENESAS-UPA2600T1R Datasheet
245Kb / 7P
   N-CHANNEL MOSFET 20 V, 7.0 A, 13.8 m
UPA2600T1R-E2-AX RENESAS-UPA2600T1R-E2-AX Datasheet
245Kb / 7P
   N-CHANNEL MOSFET 20 V, 7.0 A, 13.8 m
UPA2610 RENESAS-UPA2610 Datasheet
304Kb / 11P
   MOS FIELD EFFECT TRANSISTOR
2004
UPA2610T1C RENESAS-UPA2610T1C Datasheet
304Kb / 11P
   MOS FIELD EFFECT TRANSISTOR
2004
UPA2630T1R RENESAS-UPA2630T1R Datasheet
247Kb / 7P
   P-CHANNEL MOSFET -12 V, -7.0 A, 28 m
More results

Similar Description - UPA2690T1R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MAX4595 TI1-MAX4595_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
MAX4594 TI1-MAX4594_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
MAX4597 TI1-MAX4597_14 Datasheet
694Kb / 17P
[Old version datasheet]   Low ON-State Resistance ON-State Resistance Flatness
logo
Sanken electric
DKG1020 SANKEN-DKG1020 Datasheet
466Kb / 6P
   Low on-state resistance
MLD685D SANKEN-MLD685D Datasheet
358Kb / 7P
   Low on-state resistance
MLD685D SANKEN-MLD685D Datasheet
358Kb / 7P
   Low on-state resistance
DKG1020 SANKEN-DKG1020 Datasheet
466Kb / 6P
   Low on-state resistance
logo
Renesas Technology Corp
N0604N-S19-AY RENESAS-N0604N-S19-AY Datasheet
148Kb / 8P
   N-channel MOSFET Low on-state resistance
logo
NXP Semiconductors
PSMN006-20K518 NXP-PSMN006-20K518 Datasheet
261Kb / 12P
   Very low on-state resistance
Rev. 01-30 May 2002
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com