Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM339D Datasheet(PDF) 4 Page - HTC Korea TAEJIN Technology Co.

Part # LM339D
Description  QUAD Operational Amplifiers Wide range of supply voltages
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM339D Datasheet(HTML) 4 Page - HTC Korea TAEJIN Technology Co.

  LM339D Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM339D Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM339D Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM339D Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
QUAD Operational Amplifiers
LM339
Jun. 2011 – Ver.1.0
- 4
-
HTC
TYPICAL APPLICATIONS
+
-
+
-
2Rs
Rs
2Rs
~
10kΩ
V+(12VDC)
LAMP
2N2222
+VREF HI
+VIN
+VREF LOW
LIMIT COMPARATOR
TWO-DECADE HIGH-FREQUENCY VCO
TTL-to-MOS LOGIC CONVERTER
CRYSTAL-CONTROLLED OSCILLATOR
VISIBLE VOLTAGE INDICATOR
+
-
100kΩ
0.01µF
200kΩ
200kΩ
f=100kHz
CRYSTAL
V0
2.0kΩ
V+
V+
0
+
-
-5VDC
-12VDC
LM339
4
1
V0
0
-12V
10kΩ
+VREF
(-1.4VDC)
+
-
V0
+
-
+
-
+
-
+VREF2
100
+VREF1
100K
+5VDC
360
100
100K
+5VDC
360
+VREF3
100
100K
+5VDC
360
+VREF4
100
100K
+5VDC
360
+
-
+
-
+
-
100kΩ
0.1µF
20kΩ
50kΩ
20kΩ
V+/2
LM339
4
1
LM339
4
1
LM339
4
1
10kΩ
100kΩ
500PF
V+
3.0kΩ
5.1kΩ
0.01µF
V+/2
V+
3.0kΩ
OUTPUT1
OUTPUT2
+VC
FREQUENCY
CONTROL
VOLTAGE
INPUT
V+=+30VCC
+25mVDC≤VC≤+50VDC
700Hz≤fO≤100kHz


Similar Part No. - LM339D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM339D MOTOROLA-LM339D Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
ON Semiconductor
LM339D ONSEMI-LM339D Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Texas Instruments
LM339D TI1-LM339D Datasheet
1Mb / 33P
[Old version datasheet]   QUAD DIFFERENTIAL COMPARATORS
logo
NXP Semiconductors
LM339D PHILIPS-LM339D Datasheet
75Kb / 10P
   Quad voltage comparator
1995 Nov 27
More results

Similar Description - LM339D

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM324 ESTEK-LM324 Datasheet
169Kb / 4P
   Wide range of supply voltages
REV No:01-060817
logo
Advanced Monolithic Sys...
AMS324 AMS-AMS324 Datasheet
300Kb / 4P
   Wide range of supply voltages
logo
National Semiconductor ...
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Texas Instruments
LMV841 TI-LMV841_15 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
National Semiconductor ...
LMV841_0710 NSC-LMV841_0710 Datasheet
1Mb / 20P
   CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com