Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS82694 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS82694
Description  High-Efficiency MicroSiP STEP-DOWN CONVERTER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS82694 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS82694 Datasheet HTML 2Page - Texas Instruments TPS82694 Datasheet HTML 3Page - Texas Instruments TPS82694 Datasheet HTML 4Page - Texas Instruments TPS82694 Datasheet HTML 5Page - Texas Instruments TPS82694 Datasheet HTML 6Page - Texas Instruments TPS82694 Datasheet HTML 7Page - Texas Instruments TPS82694 Datasheet HTML 8Page - Texas Instruments TPS82694 Datasheet HTML 9Page - Texas Instruments TPS82694 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
TPS82692 , TPS82693, TPS82694, TPS826951
TPS82697, TPS82698, TPS82699
SLVSBF8A – MARCH 2013 – REVISED JULY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum values are at VIN = 2.3V to 5.5V, VOUT = 2.85V, EN = 1.8V, AUTO mode and TA = –40°C to 85°C;
Circuit of Parameter Measurement Information section (unless otherwise noted). Typical values are at VIN = 3.6V, VOUT =
2.85V, EN = 1.8V, AUTO mode and TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TPS82693
TPS82699
TPS826951
IO = 0mA, Time from active EN to VO
200
μs
Start-up time
TPS82698
TPS82697
TPS82692
IO = 0mA, Time from active EN to VO
160
μs
6
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS82692 TPS82693 TPS82694 TPS826951 TPS82697 TPS82698 TPS82699


Similar Part No. - TPS82694

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690 TI1-TPS82690 Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
TPS82690EVM-646 TI1-TPS82690EVM-646 Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
TPS82690SIP TI1-TPS82690SIP Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82690SIP TI1-TPS82690SIP Datasheet
572Kb / 13P
[Old version datasheet]   TPS826xxEVM
More results

Similar Description - TPS82694

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI1-TPS82692_16 Datasheet
2Mb / 32P
[Old version datasheet]   High-Efficiency MicroSIP Step-Down Converter (Profile <1mm)
TPS82692 TI-TPS82692_15 Datasheet
2Mb / 32P
[Old version datasheet]   TPS8269x High-Efficiency MicroSIP??Step-Down Converter (Profile <1mm)
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com