Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65282RGET Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS65282RGET
Description  DUAL POWER DISTRIBUTION SWITCHES WITH 4.5-V to 18-V INPUT VOLTAGE, 4-A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65282RGET Datasheet(HTML) 3 Page - Texas Instruments

  TPS65282RGET Datasheet HTML 1Page - Texas Instruments TPS65282RGET Datasheet HTML 2Page - Texas Instruments TPS65282RGET Datasheet HTML 3Page - Texas Instruments TPS65282RGET Datasheet HTML 4Page - Texas Instruments TPS65282RGET Datasheet HTML 5Page - Texas Instruments TPS65282RGET Datasheet HTML 6Page - Texas Instruments TPS65282RGET Datasheet HTML 7Page - Texas Instruments TPS65282RGET Datasheet HTML 8Page - Texas Instruments TPS65282RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
TPS65282
SW_OUT1
AGND
RLIM
SW_OUT2
nFALUT1
nFALUT2
PGND
PGND
VIN
VIN
PGOOD
V7V
VIN=5V
+2.5V
USB Data
USB
Port 1
USB Data
USB
Port 2
USB2 control signal
Enable
USB1 fault signal
USB2 fault signal
C2
1uF
C6
47nF
C1
10uF
C8
10uF
C9
10uF
R1
100kΩ
C4
4.7nF
C7
22uF
R4
10kΩ
19
20
21
22
23
24
12
11
10
9
8
7
USB1 control signal
R2
100kΩ
L1
4.7uH
Analog Ground
Power Ground
R3
40.2kΩ
R4
18.9kΩ
V7V
VIN=5V
TPS65282
SW_OUT1
AGND
RLIM
SW_OUT2
nFALUT1
nFALUT2
PGND
PGND
VIN
VIN
PGOOD
V7V
VIN
6V-18V
+5V
USB Data
USB
Port 1
USB Data
USB
Port 2
USB2 control signal
Enable
USB1 fault signal
USB2 fault signal
C2
1uF
C6
47nF
C1
10uF
C8
10uF
C9
10uF
R1
100kΩ
C4
4.7nF
C7
22uF
R4
10kΩ
19
20
21
22
23
24
12
11
10
9
8
7
USB1 control signal
R2
100kΩ
L1
4.7uH
Analog Ground
Power Ground
R3
40.2kΩ
R4
7.68kΩ
V7V
TPS65282
www.ti.com
SLVSBU5 – MARCH 2013
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
TYPICAL APPLICATION
Figure 1. 12-V Power Bus
Figure 2. 5-V Power Bus
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65282


Similar Part No. - TPS65282RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65280 TI1-TPS65280 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280RGER TI1-TPS65280RGER Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280RGET TI1-TPS65280RGET Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65281 TI-TPS65281 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - TPS65282RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65286 TI-TPS65286_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65286 Dual Power Distribution Switches With 4.5-V to 28-V Input Voltage, 6-A Output Current Synchronous Buck Regulator
TPS65283 TI1-TPS65283_16 Datasheet
2Mb / 42P
[Old version datasheet]   4.5- to 18-V Input Voltage, Maximum 3.5-A/2.5-A Current, Synchronous Dual Buck Converter With Power Distribution Switch
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65283 TI-TPS65283_15 Datasheet
2Mb / 42P
[Old version datasheet]   TPS65283/-1 4.5- to 18-V Input Voltage, Maximum 3.5-A/2.5-A Current, Synchronous Dual Buck Converter With Power Distribution Switch
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
logo
Texas Instruments
TPS54200 TI1-TPS54200_17 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com