Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65282RGET Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS65282RGET
Description  DUAL POWER DISTRIBUTION SWITCHES WITH 4.5-V to 18-V INPUT VOLTAGE, 4-A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65282RGET Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65282RGET Datasheet HTML 7Page - Texas Instruments TPS65282RGET Datasheet HTML 8Page - Texas Instruments TPS65282RGET Datasheet HTML 9Page - Texas Instruments TPS65282RGET Datasheet HTML 10Page - Texas Instruments TPS65282RGET Datasheet HTML 11Page - Texas Instruments TPS65282RGET Datasheet HTML 12Page - Texas Instruments TPS65282RGET Datasheet HTML 13Page - Texas Instruments TPS65282RGET Datasheet HTML 14Page - Texas Instruments TPS65282RGET Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
TPS65282
www.ti.com
SLVSBU5 – MARCH 2013
TYPICAL CHARACTERISTICS
TJ = 25°C, VIN = 12 V, VOUT = 5 V, fSW = 600 kHz, RnFAULT = 100 kΩ (unless otherwise noted)
Figure 6. Buck Efficiency at VOUT = 5 V
Figure 7. Buck Efficiency at VOUT = 2.5 V
Figure 8. Buck Line Regulation at VOUT = 5 V
Figure 9. Buck Line Regulation at VOUT = 2.5 V
Figure 10. Buck Load Regulation at VOUT = 5 V
Figure 11. Buck Load Regulation at VOUT = 2.5 V
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65282


Similar Part No. - TPS65282RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65280 TI1-TPS65280 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280RGER TI1-TPS65280RGER Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280RGET TI1-TPS65280RGET Datasheet
1Mb / 32P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
TPS65281 TI-TPS65281 Datasheet
1Mb / 31P
[Old version datasheet]   PRECISION ADJUSTABLE CURRENT LIMITED POWER DISTRIBUTION SWITCH WITH 4.5V TO 18V INPUT VOLTAGE, 3A OUTPUT CURRENT SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - TPS65282RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65286 TI-TPS65286_15 Datasheet
1Mb / 46P
[Old version datasheet]   TPS65286 Dual Power Distribution Switches With 4.5-V to 28-V Input Voltage, 6-A Output Current Synchronous Buck Regulator
TPS65283 TI1-TPS65283_16 Datasheet
2Mb / 42P
[Old version datasheet]   4.5- to 18-V Input Voltage, Maximum 3.5-A/2.5-A Current, Synchronous Dual Buck Converter With Power Distribution Switch
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS65270 TI-TPS65270_15 Datasheet
2Mb / 27P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65270 TI1-TPS65270 Datasheet
1Mb / 25P
[Old version datasheet]   4.5-V TO 18-V INPUT VOLTAGE, 2-A/3-A OUTPUT CURRENT, DUAL SYNCHRONOUS STEP-DOWN REGULATOR WITH INTEGRATED MOSFET
TPS65283 TI-TPS65283_15 Datasheet
2Mb / 42P
[Old version datasheet]   TPS65283/-1 4.5- to 18-V Input Voltage, Maximum 3.5-A/2.5-A Current, Synchronous Dual Buck Converter With Power Distribution Switch
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
logo
Texas Instruments
TPS54200 TI1-TPS54200_17 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com