Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65217B Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65217B
Description  SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65217B Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65217B Datasheet HTML 3Page - Texas Instruments TPS65217B Datasheet HTML 4Page - Texas Instruments TPS65217B Datasheet HTML 5Page - Texas Instruments TPS65217B Datasheet HTML 6Page - Texas Instruments TPS65217B Datasheet HTML 7Page - Texas Instruments TPS65217B Datasheet HTML 8Page - Texas Instruments TPS65217B Datasheet HTML 9Page - Texas Instruments TPS65217B Datasheet HTML 10Page - Texas Instruments TPS65217B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 86 page
background image
TPS65217A, TPS65217B, TPS65217C, TPS65217D
www.ti.com
SLVSB64F – NOVEMBER 2011 – REVISED APRIL 2013
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
VALUE
UNIT
BAT
-0.3 to 7
Supply voltage range (with respect to PGND)
V
USB, AC
-0.3 to 20
All pins unless specified
-0.3 to 7
separately
Input/Output voltage range (with respect to PGND)
V
ISINK
-0.3 to 20
L4, FB_WLED
-0.3 to 44
Absolute voltage difference between SYS and any VIN_DCDCx pin or SYS and
0.3
V
VINLDO
Terminal current
SYS, USB, BAT
3000
mA
Source or Sink current
PGOOD, LDO_PGOOD
6
mA
Sink current
nWAKEUP, nINT
2
mA
θJA
Junction-to-ambient thermal resistance
JEDEC 4-layer high-K board
30
°C/W
TJ
Operating junction temperature
125
°C
TA
Operating ambient temperature
-40 to 105
°C
Tstg
Storage temperature
-65 to 150
°C
(HBM) Human body model
±2000
ESD rating
V
(CDM) Charged device model
±500
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage, USB, AC
4.3
5.8
V
Supply voltage, BAT
2.75
5.5
V
Input current from AC
2.5
A
Input current from USB
1.3
A
Battery current
2
A
Input voltage range for DCDC1, DCDC2, and DCDC3
2.7
5.8
V
Input voltage range for LDO1, LDO2
1.8
5.8
V
Input voltage range for LS1/LDO, LS2/LDO4 configured as LDOs
2.7
5.8
V
Input voltage range for LS1/LDO, LS2/LDO4 configured as load switches
1.8
5.8
V
Output voltage range for LDO1
1.0
3.3
V
Output voltage range for LDO2
0.9
3.3
V
Output voltage range for LS1/LDO3, LS2/LDO4
1.8
3.3
V
Output current DCDC1
0
1.2
A
Output current DCDC2
0
1.2
A
Output current DCDC3
0
1.2
A
Output current LDO1, LDO2
0
250
mA
TPS65217A
0
200
TPS65217B
0
200
Output current LS1/LDO3, LS2/LDO4 configured as LDOs
mA
TPS65217C
0
400
TPS65217D
0
400
Output current LS1/LDO, LS2/LDO4 configured as load switches
0
200
mA
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS65217A TPS65217B TPS65217C TPS65217D


Similar Part No. - TPS65217B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217B TI1-TPS65217B Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217B TI1-TPS65217B Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217B TI1-TPS65217B Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
TPS65217BRSL TI1-TPS65217BRSL Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217BRSL TI1-TPS65217BRSL Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
More results

Similar Description - TPS65217B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65217A TI1-TPS65217A_12 Datasheet
1Mb / 86P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217A TI1-TPS65217A Datasheet
1Mb / 88P
[Old version datasheet]   SINGLE-CHIP PMIC FOR BATTERY-POWERED SYSTEMS
TPS65217 TI1-TPS65217 Datasheet
2Mb / 89P
[Old version datasheet]   Single-Chip PMIC for Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
BD71805MWV ROHM-BD71805MWV Datasheet
3Mb / 100P
   System PMIC for Battery Powered Systems
logo
Texas Instruments
TPS652170 TI1-TPS652170 Datasheet
1Mb / 85P
[Old version datasheet]   Programmable PMIC for Battery-Powered Systems
TPS65070 TI-TPS65070_10 Datasheet
1Mb / 93P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070 TI-TPS65070_09 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1_16 Datasheet
1Mb / 91P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
TPS65070-Q1 TI1-TPS65070-Q1 Datasheet
1Mb / 90P
[Old version datasheet]   Single Chip Power Solution for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com