Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62736RGYT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62736RGYT
Description  Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62736RGYT Datasheet(HTML) 2 Page - Texas Instruments

  TPS62736RGYT Datasheet HTML 1Page - Texas Instruments TPS62736RGYT Datasheet HTML 2Page - Texas Instruments TPS62736RGYT Datasheet HTML 3Page - Texas Instruments TPS62736RGYT Datasheet HTML 4Page - Texas Instruments TPS62736RGYT Datasheet HTML 5Page - Texas Instruments TPS62736RGYT Datasheet HTML 6Page - Texas Instruments TPS62736RGYT Datasheet HTML 7Page - Texas Instruments TPS62736RGYT Datasheet HTML 8Page - Texas Instruments TPS62736RGYT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
TPS62736
TPS62737
SLVSBO4B – OCTOBER 2012 – REVISED JULY 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION
The TPS6273X family provides a highly integrated ultra low power buck converter solution that is well suited for
meeting the special needs of ultra low power applications such as energy harvesting. The TPS6273X provides
the system with an externally programmable regulated supply in order to preserve the overall efficiency of the
power management stage compared to a linear step down converter. This regulator is intended to step down the
voltage from an energy storage element such as a battery or super capacitor in order to supply the rail to low
voltage electronics. The regulated output has been optimized to provide high efficiency across low output
currents (<10 µA) to high currents (200 mA).
The TPS6273X integrates an optimized hysteretic controller for low power applications. The internal circuitry
utilizes a time based sampling system in order to reduce the average quiescent current.
To further assist users in the strict management of their energy budgets, the TPS6273X toggles the input power
good indicator to signal an attached microprocessor when the voltage on the input supply has dropped below a
pre-set critical level. This signal is intended to trigger the reduction of load currents to prevent the system from
entering an under-voltage condition. There are also independent enable signals to allow the system to control
whether the converter is regulating the output, only monitoring the input voltage, or shut down in an ultra-low
quiescent sleep state.
The input power good threshold and output regulator levels are programmed independently via external resistors.
All the capabilities of TPS6273X are packed into a small foot-print 14-lead 3.5mm x 3.5 mm QFN package
(RGY).
ORDERING INFORMATION
ORDERING
OUTPUT
MAX OUTPUT
INPUT
PACKAGE
TA
PART NO.
NUMBER (TAPE
QUANTITY
VOLTAGE
CURRENT
UVLO
MARKING
AND REEL)
TPS62736RGYR
3000
Resistor
–40°C to 85°C
TPS62736(1)
50 mA
2 V
TPS62736
Programmable
TPS62736RGYT
250
TPS62737RGYR
3000
Resistor
–20°C to 85°C
TPS62737(1)
200 mA
2V
TPS62737
Programmable
TPS62737RGYT
250
(1)
The RGY package is available in tape on reel. Add R suffix to order quantities of 3000 parts per reel, T suffix for 250 parts per reel.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE(2)
UNIT
MIN
MAX
Input voltage range on IN, EN1, EN2, VRDIV, VIN_OK_SET,
Pin voltage
–0.3
5.5
V
VOUT_SET, VIN_OK, OUT, SW,NC
TPS62736
Peak currents
IN, OUT
100
mA
TPS62737
Peak currents
IN, OUT
370
mA
TJ
Temperature range
Operating junction temperature range
–40
125
°C
TSTG
Storage temperature range
–65
150
°C
Human Body Model - (HBM)
1
kV
ESD(3)
Machine Model (MM)
150
V
Charge Device Model - (CDM)
500
V
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS/ground terminal
(3)
ESD testing is performed according to the respective JESD22 JEDEC standard.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS62736 TPS62737


Similar Part No. - TPS62736RGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62736 TI1-TPS62736 Datasheet
1Mb / 36P
[Old version datasheet]   Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
TPS62736 TI1-TPS62736_14 Datasheet
1Mb / 36P
[Old version datasheet]   Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
TPS62736 TI-TPS62736_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS6273x Programmable Output Voltage Ultra-Low Power Buck Converter With Up to 50 mA / 200 mA Output Current
More results

Similar Description - TPS62736RGYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62736 TI1-TPS62736_14 Datasheet
1Mb / 36P
[Old version datasheet]   Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
TPS62736 TI-TPS62736_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS6273x Programmable Output Voltage Ultra-Low Power Buck Converter With Up to 50 mA / 200 mA Output Current
logo
Maxim Integrated Produc...
MAX17271 MAXIM-MAX17271 Datasheet
1Mb / 13P
   Up to 50mA/75mA/80mA Output Current
Rev 0; 2/18
logo
List of Unclassifed Man...
2B23 ETC1-2B23 Datasheet
29Kb / 1P
   Programmable Output, Isolated Voltage-to-Current Converter
logo
Intronics Power, Inc.
2B23 INTRONICS-2B23 Datasheet
841Kb / 4P
   Programmable Output, Isolated Voltage-to-Current Converter
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
STMicroelectronics
L79L05ABZ-AP STMICROELECTRONICS-L79L05ABZ-AP Datasheet
717Kb / 27P
   Output current up to 100 mA
logo
Texas Instruments
REG710-25 TI-REG710-25_15 Datasheet
1Mb / 32P
[Old version datasheet]   REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
logo
PREMA Semiconductor.
PR4102 PREMA-PR4102 Datasheet
335Kb / 8P
   Buck Converter with controlled Output Current
logo
XP Power Limited
DSF226 XPPOWER-DSF226 Datasheet
90Kb / 2P
   Up to 200 W Output Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com