Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61197DR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61197DR
Description  Single-String WLED Driver for LCD TV
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61197DR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61197DR Datasheet HTML 5Page - Texas Instruments TPS61197DR Datasheet HTML 6Page - Texas Instruments TPS61197DR Datasheet HTML 7Page - Texas Instruments TPS61197DR Datasheet HTML 8Page - Texas Instruments TPS61197DR Datasheet HTML 9Page - Texas Instruments TPS61197DR Datasheet HTML 10Page - Texas Instruments TPS61197DR Datasheet HTML 11Page - Texas Instruments TPS61197DR Datasheet HTML 12Page - Texas Instruments TPS61197DR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
10 s/div
m
FAULT
20V/div
SW
50V/div
IFB
2V/div
Short Current
2A/div
10 s/div
m
FAULT
20V/div
SW
50V/div
IFB
2V/div
Short Current
2A/div
20ms/div
FAULT
20V/div
SW
50V/div
VOUT
20V/div
LED Current
200mA/div
20ms/div
FAULT
20V/div
SW
50V/div
VOUT
20V/div
LED Current
200mA/div
1s/div
EN
5V/div
SW
50V/div
VOUT
20V/div
LED Current
200mA/div
1s/div
EN
5V/div
SW
50V/div
VOUT
20V/div
LED Current
200mA/div
TPS61197
www.ti.com
SLVSC25 – JULY 2013
SHUTDOWN WAVEFORM (1% DIMMING)
SHUTDOWN WAVEFORM (100% DIMMING)
Figure 12.
Figure 13.
LED OPEN PROTECTION (1% DIMMING)
LED OPEN PROTECTION (100% DIMMING)
Figure 14.
Figure 15.
LED STRING SHORT PROTECTION (1% DIMMING)
LED STRING SHORT PROTECTION (100% DIMMING)
Figure 16.
Figure 17.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS61197


Similar Part No. - TPS61197DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61193 TI1-TPS61193 Datasheet
592Kb / 33P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   High-Performance 3-Channel LED Driver
TPS61193-Q1 TI1-TPS61193-Q1 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193-Q1 TI1-TPS61193-Q1_16 Datasheet
717Kb / 10P
[Old version datasheet]   TPS61193-Q1 Low-EMI Automotive LED Driver With Three 100-mA Channels
TPS61193PWPR TI1-TPS61193PWPR Datasheet
592Kb / 33P
[Old version datasheet]   High-Performance 3-Channel LED Driver
More results

Similar Description - TPS61197DR

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
   8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Texas Instruments
TPS61196 TI-TPS61196 Datasheet
1Mb / 30P
[Old version datasheet]   6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
TPS61196-Q1 TI-TPS61196-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
TPS61196-Q1 TI1-TPS61196-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
logo
Monolithic Power System...
MP4600 MPS-MP4600 Datasheet
227Kb / 8P
   High-Voltage WLED Driver For Large Panel TV Backlighting
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Analog Devices
ADD5211 AD-ADD5211 Datasheet
167Kb / 6P
   Four-String, White LED Driver for LCD Backlight Applications
Rev. PrA
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
   Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
Texas Instruments
TPS61177A TI1-TPS61177A Datasheet
2Mb / 40P
[Old version datasheet]   WLED Driver for Notebooks
logo
Monolithic Power System...
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
   4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com