Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS27951STRPBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRS27951STRPBF
Description  Programmable minimum and maximum switching frequency
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS27951STRPBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRS27951STRPBF Datasheet HTML 7Page - International Rectifier IRS27951STRPBF Datasheet HTML 8Page - International Rectifier IRS27951STRPBF Datasheet HTML 9Page - International Rectifier IRS27951STRPBF Datasheet HTML 10Page - International Rectifier IRS27951STRPBF Datasheet HTML 11Page - International Rectifier IRS27951STRPBF Datasheet HTML 12Page - International Rectifier IRS27951STRPBF Datasheet HTML 13Page - International Rectifier IRS27951STRPBF Datasheet HTML 14Page - International Rectifier IRS27951STRPBF Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
IRS27951S
IRS27952(4)S
11
www.irf.com
© 2012 International Rectifier
November 8
th, 2012
VCC: Power Supply Voltage
This is the supply voltage pin of the IC and sense node for the under-voltage lock out circuit. It is possible to turn off
the IC by pulling this pin below the minimum turn off threshold voltage, VCCUV- without damage to the IC. This pin is
not internally clamped.
RT: Oscillator timing resistor
This pin provides a precise 2V reference and a resistor connected from this pin to COM defines a current that is
used to set the minimum oscillator frequency. To close the feedback loop that regulates the converter output
voltage by modulating the oscillator frequency, the phototransistor of an optocoupler will be connected to this pin
through a resistor. The value of this resistor will set the maximum operating frequency. An R-C series connected
from this pin to COM sets frequency shift at start-up to prevent excessive energy inrush (soft-start).
CT/SD: Oscillator timing capacitor /Shutdown
An external capacitor CT from this pin to COM sets the dead time and frequency of the oscillator. The CT pin has
sawtooth waveform, which is charged up by the current reference programmed at RT pin during rising slope and is
discharged by an internal fixed 2mA current source during the falling slope. The falling time of the sawtooth defines
the dead-time.
At start-up, a 10uA current source charges this capacitor and the oscillator is enabled only when the voltage at this
pin exceeds VEN1. The IC can also be used to enter sleep mode by externally pulling this pin below VEN2.
COM: Logic and Gate drive Ground
This is ground potential pin of the integrated control circuit. All internal circuits are referenced to this point.
LO: Low-side Gate Drive Output
The driver is capable of 0.3A source and 0.9A sink peak current to drive the lower MOSFET of the half-bridge leg.
The pin is actively pulled to GND during UVLO.
VS: High Side Gate Return/Current Sense
This is the floating supply return. This pin also acts as a high voltage current sense pin and uses the low-side
MOSFET RDSON to detect an over current fault condition.
HO: High-side Gate Drive
The driver is capable of 0.3A source and 0.9A sink peak current to drive the high-side MOSFET in the half-bridge. A
resistor internally connected to pin VS ensures that the pin is not floating during UVLO.
VB: High Side floating supply voltage
The bootstrap capacitor connected between this pin and VS is charged by the bootstrap diode when the low-side
gate-drive is high.


Similar Part No. - IRS27951STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS27951S IRF-IRS27951S Datasheet
550Kb / 28P
   RESONANT HALF-BRIDGE CONVERTER CONTROL IC
IRS27951S IRF-IRS27951S_15 Datasheet
550Kb / 28P
   RESONANT HALF-BRIDGE CONVERTER CONTROL IC
More results

Similar Description - IRS27951STRPBF

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY7088 SILERGY-SY7088 Datasheet
1Mb / 7P
   2.3V Minimum Input and 5.5V Maximum Output 2.3V Minimum Input and 5.5V Maximum Output
Rev. 0.1A
logo
Maxim Integrated Produc...
MAX16935EVKIT MAXIM-MAX16935EVKIT Datasheet
815Kb / 8P
   Programmable Switching Frequency
Rev 0; 1/14
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
   3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
logo
Maxim Integrated Produc...
MAX15003EVKIT MAXIM-MAX15003EVKIT Datasheet
347Kb / 12P
   Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
MAX38801EVKIT MAXIM-MAX38801EVKIT Datasheet
1Mb / 15P
   Programmable Switching Frequency from 400kHz to 900kHz
Rev 0; 8/17
logo
Monolithic Power System...
EV3426-L-00A MPS-EV3426-L-00A Datasheet
541Kb / 7P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
EVQ3426-L-00A MPS-EVQ3426-L-00A Datasheet
307Kb / 7P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
logo
Integrated Device Techn...
5P49V5907 IDT-5P49V5907 Datasheet
430Kb / 30P
   Programmable frequency
logo
Unisonic Technologies
UC3875LG-S08-R UTC-UC3875LG-S08-R Datasheet
332Kb / 11P
   Programmable frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com