Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS27951STRPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRS27951STRPBF
Description  Programmable minimum and maximum switching frequency
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS27951STRPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRS27951STRPBF Datasheet HTML 3Page - International Rectifier IRS27951STRPBF Datasheet HTML 4Page - International Rectifier IRS27951STRPBF Datasheet HTML 5Page - International Rectifier IRS27951STRPBF Datasheet HTML 6Page - International Rectifier IRS27951STRPBF Datasheet HTML 7Page - International Rectifier IRS27951STRPBF Datasheet HTML 8Page - International Rectifier IRS27951STRPBF Datasheet HTML 9Page - International Rectifier IRS27951STRPBF Datasheet HTML 10Page - International Rectifier IRS27951STRPBF Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
IRS27951S
IRS27952(4)S
7
www.irf.com
© 2012 International Rectifier
November 8
th, 2012
Electrical Characteristics
VCC=VBS=15V, VS=0V, CVCC=CBS=0.1uF, CLO=CHO=1nF, RT=50.5k
Ω, CT=200pF and TA = 25°C unless
otherwise specified. The output voltage and current (VO and IO) parameters are referenced to COM and are
applicable to the respective HO and LO output leads.
Symbol
Definition
Min
Typ
Max
Units
Test Conditions
Protection Characteristics
RRTD
RT discharge resistance
---
115
---
RCTD
CT/SD discharge resistance
---
115
---
VEN1
CT/SD rising enable voltage
0.75
1.05
1.4
V
VEN2
CT/SD standby voltage
0.6
0.85
1.1
VENHYST
CT/SD enable hysteresis voltage
---
0.2
---
VOCP
Overcurrent VS threshold
1.9
2
2.1
V
IRS27951
2.85
3
3.15
IRS27952(4)
tBLANK
Leading edge blanking on LO
---
300
---
ns
GBD
tSD
Shutdown propagation delay
---
300
---
GBD
Gate Driver Output Characteristics
V
OH
Gate High Voltage
Vcc-1
---
---
V
IGATE = 20mA
V
OL
Gate Low Voltage
---
0.05
0.15
IGATE = -20mA
tr
Output rise time
---
60
---
ns
CLOAD=1nF
tr
Output rise time
---
200
---
CLOAD=4.7nF
tf
Output fall time
---
16
---
CLOAD=1nF
tf
Output fall time
---
65
---
CLOAD=4.7nF
MDT
Output deadtime matching
|(DTLO-HO) – (DTHO-LO)|
---
---
25
ns
IO+
Output source current
---
300
---
mA
GBD
IO-
Output sink current
---
900
---
RUP
Pull up Resistance
---
20
---
IGATE = 20mA
RDOWN
Pull down Resistance
---
3
---
IGATE =-20mA
GBD: Guaranteed by design.


Similar Part No. - IRS27951STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS27951S IRF-IRS27951S Datasheet
550Kb / 28P
   RESONANT HALF-BRIDGE CONVERTER CONTROL IC
IRS27951S IRF-IRS27951S_15 Datasheet
550Kb / 28P
   RESONANT HALF-BRIDGE CONVERTER CONTROL IC
More results

Similar Description - IRS27951STRPBF

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY7088 SILERGY-SY7088 Datasheet
1Mb / 7P
   2.3V Minimum Input and 5.5V Maximum Output 2.3V Minimum Input and 5.5V Maximum Output
Rev. 0.1A
logo
Maxim Integrated Produc...
MAX16935EVKIT MAXIM-MAX16935EVKIT Datasheet
815Kb / 8P
   Programmable Switching Frequency
Rev 0; 1/14
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
   3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
logo
Maxim Integrated Produc...
MAX15003EVKIT MAXIM-MAX15003EVKIT Datasheet
347Kb / 12P
   Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
MAX38801EVKIT MAXIM-MAX38801EVKIT Datasheet
1Mb / 15P
   Programmable Switching Frequency from 400kHz to 900kHz
Rev 0; 8/17
logo
Monolithic Power System...
EV3426-L-00A MPS-EV3426-L-00A Datasheet
541Kb / 7P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
EVQ3426-L-00A MPS-EVQ3426-L-00A Datasheet
307Kb / 7P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
logo
Integrated Device Techn...
5P49V5907 IDT-5P49V5907 Datasheet
430Kb / 30P
   Programmable frequency
logo
Unisonic Technologies
UC3875LG-S08-R UTC-UC3875LG-S08-R Datasheet
332Kb / 11P
   Programmable frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com