Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRS27951 Datasheet(PDF) 10 Page - International Rectifier

Part # IRS27951
Description  Programmable minimum and maximum switching frequency
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS27951 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRS27951 Datasheet HTML 6Page - International Rectifier IRS27951 Datasheet HTML 7Page - International Rectifier IRS27951 Datasheet HTML 8Page - International Rectifier IRS27951 Datasheet HTML 9Page - International Rectifier IRS27951 Datasheet HTML 10Page - International Rectifier IRS27951 Datasheet HTML 11Page - International Rectifier IRS27951 Datasheet HTML 12Page - International Rectifier IRS27951 Datasheet HTML 13Page - International Rectifier IRS27951 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
IRS27951S
IRS27952(4)S
10
www.irf.com
© 2012 International Rectifier
November 8
th, 2012
Lead Definitions:
Symbol
Description
VCC
Supply Voltage
RT
Oscillator timing resistor
CT/SD
Oscillator timing capacitor / shutdown
COM
Ground
LO
Low-side gate drive
VS
High-side gate drive return / HV current Sense
HO
High-side gate drive
VB
High-side floating supply voltage
Lead Assignments: IRS2795(1,2)S
HO
VB
RT
VS
VCC
CT/SD
LO
COM
4
3
2
1
5
6
7
8
Lead Assignments: IRS279524S
HO
VB
COM
NC
NC
VS
7
6
5
4
3
2
1
9
10
11
12
13
14
VCC
RT
CT/SD
8
NC
NC
NC
NC
LO


Similar Part No. - IRS27951

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS27951S IRF-IRS27951S Datasheet
550Kb / 28P
   RESONANT HALF-BRIDGE CONVERTER CONTROL IC
IRS27951S IRF-IRS27951S_15 Datasheet
550Kb / 28P
   RESONANT HALF-BRIDGE CONVERTER CONTROL IC
More results

Similar Description - IRS27951

ManufacturerPart #DatasheetDescription
logo
Silergy Corp.
SY7088 SILERGY-SY7088 Datasheet
1Mb / 7P
   2.3V Minimum Input and 5.5V Maximum Output 2.3V Minimum Input and 5.5V Maximum Output
Rev. 0.1A
logo
Maxim Integrated Produc...
MAX16935EVKIT MAXIM-MAX16935EVKIT Datasheet
815Kb / 8P
   Programmable Switching Frequency
Rev 0; 1/14
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
   3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
logo
Maxim Integrated Produc...
MAX15003EVKIT MAXIM-MAX15003EVKIT Datasheet
347Kb / 12P
   Programmable Switching Frequency Up to 2.2MHz
Rev 0; 2/08
MAX38801EVKIT MAXIM-MAX38801EVKIT Datasheet
1Mb / 15P
   Programmable Switching Frequency from 400kHz to 900kHz
Rev 0; 8/17
logo
Monolithic Power System...
EV3426-L-00A MPS-EV3426-L-00A Datasheet
541Kb / 7P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
EVQ3426-L-00A MPS-EVQ3426-L-00A Datasheet
307Kb / 7P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
logo
Integrated Device Techn...
5P49V5907 IDT-5P49V5907 Datasheet
430Kb / 30P
   Programmable frequency
logo
Unisonic Technologies
UC3875LG-S08-R UTC-UC3875LG-S08-R Datasheet
332Kb / 11P
   Programmable frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com