Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34736-0028 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 34736-0028
Description  SEALED CONNECTOR SYSTEM MX123 QUAD ROW
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX5 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

34736-0028 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  34736-0028 Datasheet HTML 1Page - Molex Electronics Ltd. 34736-0028 Datasheet HTML 2Page - Molex Electronics Ltd. 34736-0028 Datasheet HTML 3Page - Molex Electronics Ltd. 34736-0028 Datasheet HTML 4Page - Molex Electronics Ltd. 34736-0028 Datasheet HTML 5Page - Molex Electronics Ltd. 34736-0028 Datasheet HTML 6Page - Molex Electronics Ltd. 34736-0028 Datasheet HTML 7Page - Molex Electronics Ltd. 34736-0028 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PRODUCT SPECIFICATION
REVISION:
ECR/ECN INFORMATION:
TITLE:
34566/34576 SEALED CONNECTOR
SYSTEM
MX123 QUAD ROW
SHEET No.
F
EC No: UAU2013-0606
3 of 8
DATE:
2013/ 01 / 07
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
PS-34566-0000
S. RAJENDRANATH
V. KOSHY
V. KOSHY
2.1 PRODUCT NAME AND PART NUMBER
Refer Document# for applicable Part Numbers.
See PK-31300-019 for Packaging related information.
For printed circuit board, solder etc. information, please see mating series # 31387
2.2 DIMENSIONS, MATERIALS AND MARKINGS
All dimensions, materials and ID locations can be found on the applicable Document # in the above
table.
Document #
Series #
Document #
Series #
80 ckt
Receptacle
Connector
SD - 34566 - 001
34566
80 ckt
Direct Connect
Interface
12582682/
12642695
31387
73 ckt
Receptacle
Connector
SD - 34566 - 001
34566
73 ckt
Direct Connect
Interface
12582682/
12642695
31387
66 ckt
(to be validated)
Receptacle
Connector
SD - 34566 - 001
34822
66 ckt
Direct Connect
Interface
12582682/
12642695
31387
56 ckt
Receptacle
Connector
SD - 34576 - 001
34576
56 ckt
Direct Connect
Interface
12582683/
12642694
31386
18 ckt
(to be validated)
Receptacle
Connector
SD - 34576 - 001
34851
18 ckt
Direct Connect
Interface
12582683/
12642694
34852
Description
Mates/ Assembles To:
Description


Similar Part No. - 34736-0028

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
3473-5SJ42137HG41-ND SIEMENS-3473-5SJ42137HG41-ND Datasheet
629Kb / 4P
   MCB 5SJ4 2P 240V 13A 14K C-TRIP
7/6/2022
logo
3M Electronics
3473-6000 3M-3473-6000 Datasheet
461Kb / 3P
   3M Pak 100 Wiremount Socket
3473-6050 3M-3473-6050 Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3473-60E 3M-3473-60E Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
3473-60I 3M-3473-60I Datasheet
470Kb / 3P
   3M??Pak 100 Wiremount Socket
More results

Similar Description - 34736-0028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MX150 MOLEX-MX150 Datasheet
2Mb / 5P
   MX150 Sealed Connector System
2020
349674001 MOLEX-349674001 Datasheet
759Kb / 12P
   MINI50 SEALED RECEPTACLE CONNECTOR SYSTEM
10/16/2020
0313862001 MOLEX4-0313862001 Datasheet
567Kb / 5P
   2.54mm (.100") Pitch, MX123?
46055 MOLEX-46055 Datasheet
169Kb / 2P
   Mini-Fit H2O??Sealed Interconnect System
0345661703 MOLEX4-0345661703 Datasheet
3Mb / 37P
   2.54mm (.100") Pitch, MX123 Female
0345661403 MOLEX4-0345661403 Datasheet
3Mb / 37P
   2.54mm (.100") Pitch, MX123 Female
0345860001 MOLEX4-0345860001 Datasheet
105Kb / 2P
   MX123??0.64mm (.025") Grommet Seal Plug
34566-2003 MOLEX11-34566-2003 Datasheet
57Kb / 1P
   2.54mm Pitch, MX123 Female Receptacle Housing
0638246300 MOLEX-0638246300 Datasheet
66Kb / 11P
   Extraction Toolkit for MXP120 Sealed Connection System
08/26/2022
34576-2003 MOLEX11-34576-2003 Datasheet
46Kb / 1P
   2.54mm Pitch, MX123 Female Receptacle Housing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com