Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3780ADRYT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3780ADRYT
Description  Low-Power, Dual-Voltage Detector in Small SON Package
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3780ADRYT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS3780ADRYT Datasheet HTML 3Page - Texas Instruments TPS3780ADRYT Datasheet HTML 4Page - Texas Instruments TPS3780ADRYT Datasheet HTML 5Page - Texas Instruments TPS3780ADRYT Datasheet HTML 6Page - Texas Instruments TPS3780ADRYT Datasheet HTML 7Page - Texas Instruments TPS3780ADRYT Datasheet HTML 8Page - Texas Instruments TPS3780ADRYT Datasheet HTML 9Page - Texas Instruments TPS3780ADRYT Datasheet HTML 10Page - Texas Instruments TPS3780ADRYT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
V
IT+
V
IT-
t
pd(r)
VCC
SENSEx
OUTx
V
(POR)
t
pd(f)
Hysteresis
TPS3779
TPS3780
www.ti.com
SBVS216B – SEPTEMBER 2012 – REVISED MAY 2013
DETAILED DESCRIPTION
OVERVIEW
The TPS3779 and TPS3780 belong to a family of ultrasmall, low quiescent current (ICC), dual-channel voltage
detectors. These devices have high-accuracy, rising and falling input thresholds, and assert the output as shown
in Table 1. The output (OUTx pin) goes low when the SENSEx pin is less than VIT– and goes high when the pin
is greater than VIT+. The TPS3779 and TPS3780 offer multiple hysteresis options from 0.5% to 10% for use in
wide variety of applications. These devices have two independent voltage detection channels that can be used in
systems where multiple voltage rails are required to be monitored, or where one channel can be used as an early
warning signal and the other channel used as the system reset signal.
Table 1. TPS33779, TPS3780 Truth Table
CONDITIONS
OUTPUT
SENSE1 < VIT–
OUT1 = low
SENSE2 < VIT–
OUT2 = low
SENSE1 > VIT+
OUT1 = high
SENSE2 > VIT+
OUT2 = high
INPUTS (SENSE1, SENSE2)
The TPS3779 and TPS3780 have two comparators for voltage detection. Each comparator has one external
input; the other input is connected to the internal reference. The comparator rising threshold is designed and
trimmed to be equal to VIT+ and the falling threshold is trimmed to be equal to VIT–. The built-in falling hysteresis
options make the devices immune to supply rail noise and ensures stable operation.
The comparator inputs can swing from ground to 6.5 V, regardless of the device supply voltage used. Although
not required in most cases, it is good analog design practice to place a 1-nF to 10-nF bypass capacitor at the
comparator input for extremely noisy applications in order to reduce sensitivity to transients and layout parasitic.
For each SENSE input, the corresponding output (OUTx) is driven to logic low when the input voltage drops
below VIT–. When the voltage exceeds VIT+, the output (OUTx) goes to a high-impedance state, as shown in
Figure 13.
Figure 13. Timing Diagram
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS3779 TPS3780


Similar Part No. - TPS3780ADRYT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3780ADRYT TI1-TPS3780ADRYT Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Channel, Low-Power, High-Accuracy Voltage Detectors
More results

Similar Description - TPS3780ADRYT

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM7522NAB-S ELM-TECH-ELM7522NAB-S Datasheet
143Kb / 12P
   CMOS Small package voltage detector
logo
ELM Electronics
ELM75 ELM-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
ELM Technology Corporat...
ELM75-SERIES ELM-TECH-ELM75-SERIES Datasheet
1Mb / 13P
   CMOS Small package voltage detector
ELM75 ELM-TECH-ELM75 Datasheet
1Mb / 13P
   CMOS Small package voltage detector
logo
Shanghai Consonance Ele...
CN303 CONSONANCE-CN303 Datasheet
211Kb / 8P
   Low Power, Dual-Voltage Detector
logo
Zilog, Inc.
IXD5120 ZILOG-IXD5120 Datasheet
1Mb / 12P
   Ultra Small, Low Power Consumption Voltage Detector
logo
Seiko Instruments Inc
S-1000 SII-S-1000 Datasheet
494Kb / 38P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80830C SII-S-80830C Datasheet
672Kb / 54P
   ULTRA-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-808XXC SII-S-808XXC Datasheet
702Kb / 58P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
S-80819CNMC-B8ET2G SII-S-80819CNMC-B8ET2G Datasheet
692Kb / 56P
   SUPER-SMALL PACKAGE HIGH-PRECISION VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com