Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51363 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51363
Description  22-V Input, 8-A or 10-A Converter With Integrated FET
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51363 Datasheet(HTML) 1 Page - Texas Instruments

  TPS51363 Datasheet HTML 1Page - Texas Instruments TPS51363 Datasheet HTML 2Page - Texas Instruments TPS51363 Datasheet HTML 3Page - Texas Instruments TPS51363 Datasheet HTML 4Page - Texas Instruments TPS51363 Datasheet HTML 5Page - Texas Instruments TPS51363 Datasheet HTML 6Page - Texas Instruments TPS51363 Datasheet HTML 7Page - Texas Instruments TPS51363 Datasheet HTML 8Page - Texas Instruments TPS51363 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TPS51363
UDG-12205
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PGND
PGND
PGND
PGND
PGND
SW
SW
SW
SW
NC
MODE
NU
PGOOD
BST
REFIN2
REFIN
VREF
NU
EN
VIN
VIN
VIN
V5
TRIP
SLEW
VSNS
GSNS
GND
EN
PGOOD
GSNS
VSNS
VIN
VOUT
1.05 V
7.4 V
to
20 V
TPS51363
www.ti.com
SLUSBB5A – FEBRUARY 2013 – REVISED JUNE 2013
22-V Input, 8-A or 10-A Converter
With Integrated FET
Check for Samples: TPS51363
1
FEATURES
DESCRIPTION
The TPS51363 is a high-voltage input, synchronous
2
Input Voltage Range: 3 V to 22 V
converter with integrated FET, based on D-CAP2™
Output Voltage Range: 0.6 V to 2 V
control
topology,
which
enables
fast
transient
8-A or 10-A Integrated FET Converter
response and supports both POSCAP and all MLCC
(see Table 1)
output capacitors. TI proprietary FET technology
combined with TI leading-edge package technology
Fewest External Components
provides the highest density solution for single-output
Soft-Start Time Programmable by External
power rail such as VCCIO and VDDQ for DDR
Capacitor
notebook memory, or any point-of-load (POL) in wide
Switching Frequency: 400 kHz and 800 kHz
application.
D-CAP2™ Architecture to Enable POSCAP and
The feature set includes switching frequency of 400
All MLCC Output Capacitor Usage
kHz and 800 kHz. Programmable soft-start time with
an external capacitor. auto skip, pre-bias startup,
Integrated and Temperature Compensated
integrated bootstrap switch, power good, enable and
Low-Side On-Resistance Sensing for Accurate
a full suite of fault protection schemes, including
OCL Protection
OCL, UVP, OVP, 5-V UVLO and thermal shutdown.
Powergood Output
It is packaged in 3.5 mm × 4.5 mm, 0.4-mm pitch, 28-
OCL, OVP, UVP and UVLO Protections
pin QFN (RVE), and specified from -10°C to 85°C.
Thermal Shutdown (non-latch)
Output Discharge Function
Table 1. Current Ratings
Integrated Boost MOSFET Switch
FREQUENCY SETTING
MAX IDC
28-Pin, 3.5-mm × 4.5-mm, RVE, QFN Package
800 kHz
8 A
with 0.4-mm Pitch and 1-mm Height
400 kHz
10 A
APPLICATIONS
Notebook Computers (VCCIO)
Memory Rails (DDR VDDQ)
SIMPLIFIED APPLICATION
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP2 is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS51363

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51362 TI-TPS51362 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
TPS51362 TI1-TPS51362 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
TPS51362RVER TI-TPS51362RVER Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
TPS51362RVER TI1-TPS51362RVER Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
TPS51362RVET TI-TPS51362RVET Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
More results

Similar Description - TPS51363

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51362 TI-TPS51362 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent
TPS51362 TI1-TPS51362_17 Datasheet
2Mb / 29P
[Old version datasheet]   22-V Input, 10-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ)
TPS51367 TI-TPS51367 Datasheet
10Mb / 32P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent
TPS51367 TI-TPS51367_15 Datasheet
10Mb / 33P
[Old version datasheet]   22-V Input, 12-A Integrated FET Converter With Ultra-Low Quiescent ( ULQ??
TPS51313 TI-TPS51313_15 Datasheet
1Mb / 20P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
TPS51313 TI-TPS51313 Datasheet
1Mb / 19P
[Old version datasheet]   5-V Input or 3.3-V Input, 3-A, Fully Integrated Converter
LP87521-Q1 TI1-LP87521-Q1 Datasheet
2Mb / 97P
[Old version datasheet]   10-A Buck Converter With Integrated Switches
TPSM82480 TI1-TPSM82480 Datasheet
1Mb / 31P
[Old version datasheet]   5.5-V Input, 6-A, Step-Down Converter with Integrated Inductor
TPS54229 TI1-TPS54229 Datasheet
801Kb / 24P
[Old version datasheet]   4.5V to 18V INPUT, 2-A SYNCHRONOUS STEP DOWN CONVERTER WITH INTEGRATED FET
TPS54229 TI-TPS54229_15 Datasheet
729Kb / 25P
[Old version datasheet]   4.5V to 18V INPUT, 2-A SYNCHRONOUS STEP DOWN CONVERTER WITH INTEGRATED FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com