Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51275 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS51275
Description  Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51275 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS51275_13 Datasheet HTML 3Page - Texas Instruments TPS51275_13 Datasheet HTML 4Page - Texas Instruments TPS51275_13 Datasheet HTML 5Page - Texas Instruments TPS51275_13 Datasheet HTML 6Page - Texas Instruments TPS51275_13 Datasheet HTML 7Page - Texas Instruments TPS51275_13 Datasheet HTML 8Page - Texas Instruments TPS51275_13 Datasheet HTML 9Page - Texas Instruments TPS51275_13 Datasheet HTML 10Page - Texas Instruments TPS51275_13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
TPS51275
TPS51275B
Thermal Pad
TPS51275C
CS1
VFB1
VREG3
VFB2
CS2
DRVL2
VIN
VREG5
VO1
DRVL1
TPS51275, TPS51275B, TPS51275C
www.ti.com
SLUSB45B – JUNE 2012 – REVISED MARCH 2013
DEVICE INFORMATION
RUK PACKAGE
20 PINS
(TOP VIEW)
PIN FUNCTIONS
PIN NO.
TPS51275
NAME
I/O
DESCRIPTION
TPS51275B
TPS51275C
CS1
1
O
Sets the channel 1 OCL trip level.
CS2
5
O
Sets the channel 2OCL trip level.
DRVH1
16
O
High-side driver output
DRVH2
10
O
High-side driver output
DRVL1
15
O
Low-side driver output
DRVL2
11
O
Low-side driver output
EN1
20
I
Channel 1 enable.
EN2
6
I
Channel 2 enable.
PGOOD
7
O
Power good output flag. Open drain output. Pull up to external rail via a resistor
SW1
18
O
Switch-node connection.
SW2
8
O
Switch-node connection.
VBST1
17
I
Supply input for high-side MOSFET (bootstrap terminal). Connect capacitor from this pin to SW
terminal.
VBST2
9
I
VCLK
19
O
Clock output for charge pump.
VFB1
2
I
Voltage feedback Input
VFB2
4
I
Power conversion voltage input. Apply the same voltage as drain voltage of high-side MOSFETs of
VIN
12
I
channel 1 and channel 2.
VO1
14
I
Output voltage input, 5-V input for switch-over.
VREG3
3
O
3.3-V LDO output.
VREG5
13
O
5-V LDO output.
Thermal pad
GND terminal, solder to the ground plane
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7


Similar Part No. - TPS51275_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51275 TI1-TPS51275_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
More results

Similar Description - TPS51275_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51275 TI1-TPS51275_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275 TI1-TPS51275 Datasheet
1Mb / 28P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225_17 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51225 TI1-TPS51225 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Synchronous, Step-Down Controller with 5-V and 3.3-V LDOs
TPS51275B-1 TI-TPS51275B-1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS51275B-1 Dual Synchronous, Step-Down Controller With 5-V and 3.3-V LDOs
logo
Vishay Siliconix
SI9130DB VISHAY-SI9130DB Datasheet
157Kb / 4P
   5- and 3.3-V Step-Down Synchronous Converters
10-Feb-97
logo
Analog Devices
ADP2325 AD-ADP2325 Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
logo
Texas Instruments
TPS51285A TI1-TPS51285A_16 Datasheet
1Mb / 29P
[Old version datasheet]   Ultra-Low Quiescent (ULQ) Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
TPS51285A TI-TPS51285A Datasheet
1Mb / 32P
[Old version datasheet]   Ultra-Low Quiescent (ULQ?? Dual Synchronous Step-Down Controller with 5V and 3.3V LDOs
logo
Richtek Technology Corp...
RT6575C RICHTEK-RT6575C Datasheet
282Kb / 22P
   Dual-Channel Synchronous DC-DC Step-Down Controller with 5V/3.3V LDOs
November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com