Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS84A20RVQR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS84A20RVQR
Description  2.95-V to 17-V Input, 10-A Synchronous Buck, Integrated Power Solution
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS84A20RVQR Datasheet(HTML) 2 Page - Texas Instruments

  TPS84A20RVQR Datasheet HTML 1Page - Texas Instruments TPS84A20RVQR Datasheet HTML 2Page - Texas Instruments TPS84A20RVQR Datasheet HTML 3Page - Texas Instruments TPS84A20RVQR Datasheet HTML 4Page - Texas Instruments TPS84A20RVQR Datasheet HTML 5Page - Texas Instruments TPS84A20RVQR Datasheet HTML 6Page - Texas Instruments TPS84A20RVQR Datasheet HTML 7Page - Texas Instruments TPS84A20RVQR Datasheet HTML 8Page - Texas Instruments TPS84A20RVQR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TPS84A20
SLVSBC6 – MARCH 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN, PVIN
–0.3
20
V
Input Voltage
INH/UVLO, PWRGD, RT/CLK, SENSE+
–0.3
6
V
ILIM, VADJ, SS/TR, STSEL, SYNC_OUT, ISHARE, OCP_SEL
–0.3
3
V
PH
–1.0
20
V
Output Voltage
PH 10ns Transient
–3.0
20
V
VOUT
–0.3
6
V
RT/CLK, INH/UVLO
±100
µA
Source Current
PH
current limit
A
PH
current limit
A
Sink Current
PVIN
current limit
A
PWRGD
–0.1
2
mA
Operating Junction Temperature
–40
125(2)
°C
Storage Temperature
–65
150
°C
Mechanical Shock
Mil-STD-883D, Method 2002.3, 1 msec, 1/2 sine, mounted
1500
G
Mechanical Vibration
Mil-STD-883D, Method 2007.2, 20-2000Hz
20
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
See the temperature derating curves in the Typical Characteristics section for thermal information.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
PVIN
Input Switching Voltage
2.95
17
V
VIN
Input Bias Voltage
4.5
17
V
VOUT
Output Voltage
0.6
5.5
V
fSW
Switching Frequency
200
1200
kHz
PACKAGE SPECIFICATIONS
TPS84A20
UNIT
Weight
1.45 grams
Flammability
Meets UL 94 V-O
MTBF Calculated reliability
Per Bellcore TR-332, 50% stress, TA = 40°C, ground benign
37.4 MHrs
ORDERING INFORMATION
For the most current package and ordering information, see the Package Option Addendum at the end of this datasheet, or see
the TI website at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS84A20


Similar Part No. - TPS84A20RVQR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPS841 TOSHIBA-TPS841 Datasheet
225Kb / 6P
   Silicon Epitaxial Planar
TPS841F TOSHIBA-TPS841F Datasheet
225Kb / 6P
   Silicon Epitaxial Planar
logo
Texas Instruments
TPS84210 TI1-TPS84210 Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
TPS84210RKG TI1-TPS84210RKG Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
More results

Similar Description - TPS84A20RVQR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS84410 TI1-TPS84410 Datasheet
962Kb / 28P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
SEPTEMBER2011
TPS84210 TI1-TPS84210 Datasheet
1Mb / 29P
[Old version datasheet]   2.95-V to 6-V Input, 2-A Synchronous Buck, Integrated Power Solution
TPS84410 TI1-TPS84410_14 Datasheet
1Mb / 35P
[Old version datasheet]   2.95-V to 6-V Input, 4-A Synchronous Buck, Integrated Power Solution
TPS84610 TI1-TPS84610 Datasheet
967Kb / 27P
[Old version datasheet]   2.95-V to 6-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84620 TI1-TPS84620 Datasheet
885Kb / 33P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
TPS84320 TI1-TPS84320 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V to 14.5-V Input, 3-A Synchronous Buck, Integrated Power Solution
TPS84621 TI1-TPS84621 Datasheet
993Kb / 30P
[Old version datasheet]   4.5-V to 14.5-V Input, 6-A Synchronous Buck, Integrated Power Solution
logo
Rohm
BD9D300MUV ROHM-BD9D300MUV Datasheet
1Mb / 42P
   4.0 V to 17 V Input, 3 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
16.Sep.2021 Rev.002
logo
Texas Instruments
TPS54719 TI1-TPS54719_16 Datasheet
1Mb / 40P
[Old version datasheet]   2.95 V To 6 V Input, 7-A Synchronous Step Down Converter
TPS563202 TI1-TPS563202_V01 Datasheet
912Kb / 24P
[Old version datasheet]   TPS563202 4.3-V to 17-V Input, 3-A Synchronous Buck Converter in SOT563
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com