Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV62130 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62130
Description  4-17V 3A Step-Down Converter with DCS-ControlTM
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV62130 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV62130 Datasheet HTML 7Page - Texas Instruments TLV62130 Datasheet HTML 8Page - Texas Instruments TLV62130 Datasheet HTML 9Page - Texas Instruments TLV62130 Datasheet HTML 10Page - Texas Instruments TLV62130 Datasheet HTML 11Page - Texas Instruments TLV62130 Datasheet HTML 12Page - Texas Instruments TLV62130 Datasheet HTML 13Page - Texas Instruments TLV62130 Datasheet HTML 14Page - Texas Instruments TLV62130 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
TLV62130, TLV62130A
www.ti.com
SLVSB74B – FEBRUARY 2012 – REVISED JUNE 2013
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
TIME
TIME
Figure 28. PWM-PSM-Transition (VIN=12V, VOUT=3.3V with
Figure 29. Load Transient Response (IOUT= 0.5 to 3 to 0.5 A,
50mV/div)
VIN=12V, VOUT=3.3V)
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
TIME
TIME
Figure 30. Load Transient Response of Figure 29, rising
Figure 31. Load Transient Response of Figure 29, falling
edge
edge
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TLV62130 TLV62130A


Similar Part No. - TLV62130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI-TLV62130 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130A TI-TLV62130A Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130A TI-TLV62130A Datasheet
1Mb / 38P
[Old version datasheet]   TLV62130x 3-V to 17-V 3-A Step-Down Converter With DCS-Control?
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
More results

Similar Description - TLV62130

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150_14 Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
logo
Richtek Technology Corp...
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
   3A, 17V, 340kHz Synchronous Step-Down Converter
RT7253A RICHTEK-RT7253A Datasheet
192Kb / 14P
   3A, 17V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com