Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5760L Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5760L
Description  Check for Samples: TAS5760L
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5760L Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5760L Datasheet HTML 7Page - Texas Instruments TAS5760L Datasheet HTML 8Page - Texas Instruments TAS5760L Datasheet HTML 9Page - Texas Instruments TAS5760L Datasheet HTML 10Page - Texas Instruments TAS5760L Datasheet HTML 11Page - Texas Instruments TAS5760L Datasheet HTML 12Page - Texas Instruments TAS5760L Datasheet HTML 13Page - Texas Instruments TAS5760L Datasheet HTML 14Page - Texas Instruments TAS5760L Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 57 page
background image
TAS5760L
www.ti.com
SLOS782 – JULY 2013
SPEAKER AMPLIFIER IN MONO PARALLEL BRIDGE TIED LOAD (PBTL) MODE
input signal is 1 kHz Sine, specifications are over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
69
-
µVrms
RSPK = 8Ω, A-Weighted
ICN
Idle Channel Noise
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
85
-
µVrms
RSPK = 8Ω, A-Weighted
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
28.6
-
W
RSPK = 2Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
15.9
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
8.4
-
W
RSPK = 8Ω, THD+N = 0.1%
Maximum Instantaneous Output
PO(SPK)
Power
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
43.2
-
W
RSPK = 2Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
25
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
13.3
-
W
RSPK = 8Ω, THD+N = 0.1%
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
30
-
W
RSPK = 2Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
15.9
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
8.4
-
W
RSPK = 8Ω, THD+N = 0.1%
Maximum Continuous Output
PO(SPK)
Power(1)
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
28.5
-
W
RSPK = 2Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
25
-
W
RSPK = 4Ω, THD+N = 0.1%,
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
13.3
-
W
RSPK = 8Ω, THD+N = 0.1%
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
100.4
-
dB
RSPK = 8Ω, A-Weighted, -60dBFS Input
Signal to Noise Ratio (Referenced
SNR
to THD+N = 1%)
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
99.5
-
dB
RSPK = 8Ω, A-Weighted, -60dBFS Input
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
0.03
-
%
RSPK = 2Ω, Po = 1 W
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
0.02
-
%
RSPK = 4Ω, Po = 1 W
PVDD = 12 V, SPK_GAIN[1:0] Pins = 00,
-
0.02
-
%
RSPK = 8Ω, Po = 1 W
Total Harmonic Distortion and
THD+N(SPK)
Noise
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
0.03
-
%
RSPK = 2Ω, Po = 1 W
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
0.02
-
%
RSPK = 4Ω, Po = 1 W
PVDD = 15 V, SPK_GAIN[1:0] Pins = 01,
-
0.02
-
%
RSPK = 8Ω, Po = 1 W
(1)
The continuous power output of any amplifier is determined by the thermal performance of the amplifier as well as limitations placed on
it by the system around it, such as the PCB configuration and the ambient operating temperature. The performance characteristics listed
in this section are achievable on the TAS5760L's EVM, which is representative of the poplular "2 Layers / 1oz Copper" PCB
configuration in a size that is representative of the amount of area often provided to the amplifier section of popular consumer audio
electronics. As can be seen in the instantaneous power portion of this table, more power can be delivered from the TAS5760L if steps
are taken to pull more heat out of the device. For instance, using a board with more layers or adding a small heatsink will result in an
increase of continuous power, up to and including the instantaneous power level. This behavior can also been seen in the POUT vs.
PVDD plots shown in the typical performance plots section of this data sheet.
I²C CONTROL PORT
specifications are over operating free-air temperature range (unless otherwise noted)
Parameter
Test Conditions
Min
Typ
Max
Units
CL(I²C)
Allowable Load Capacitance for Each I²C
-
-
400
pF
Line
fSCL
Support SCL frequency
No Wait States
-
-
400
kHz
Copyright © 2013, Texas Instruments Incorporated
11
Product Folder Links: TAS5760L


Similar Part No. - TAS5760L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5760L TI1-TAS5760L Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LD TI-TAS5760LD Datasheet
1Mb / 54P
[Old version datasheet]   General Purpose I2S Input Class D Amplifier with DirectPath??Headphone / Line Driver
TAS5760LD TI1-TAS5760LD Datasheet
1Mb / 68P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDAP TI1-TAS5760LDAP Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
TAS5760LDAPR TI1-TAS5760LDAPR Datasheet
1Mb / 77P
[Old version datasheet]   General-Purpose I2S Input Class-D Amplifier
More results

Similar Description - TAS5760L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8424 TI-TCA8424 Datasheet
925Kb / 30P
[Old version datasheet]   Check for Samples: TCA8424
TAS5760M TI-TAS5760M Datasheet
1Mb / 66P
[Old version datasheet]   Check for Samples: TAS5760M
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TLV320AIC3263 TI-TLV320AIC3263 Datasheet
1Mb / 62P
[Old version datasheet]   Check for Samples: TLV320AIC3263
SN65HVD102 TI-SN65HVD102 Datasheet
920Kb / 23P
[Old version datasheet]   Check for Samples: SN65HVD101, SN65HVD102
TLV713P TI-TLV713P Datasheet
1Mb / 26P
[Old version datasheet]   Check for Samples: TLV713, TLV713P
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
[Old version datasheet]   LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
OPA170-DIE TI-OPA170-DIE Datasheet
60Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER VALUE LINE SERIES Check for Samples: OPA170-DIE
logo
PHOENIX CONTACT
2746951 PHOENIX-2746951 Datasheet
178Kb / 4P
   Samples - IBS CHIP-MUSTER/...
Dec 6, 2022
logo
Motorola, Inc
MC92307 MOTOROLA-MC92307 Datasheet
121Kb / 10P
   2K - Samples FFT-Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com