Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD101 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD101
Description  Check for Samples: SN65HVD101, SN65HVD102
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD101 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65HVD101 Datasheet HTML 5Page - Texas Instruments SN65HVD101 Datasheet HTML 6Page - Texas Instruments SN65HVD101 Datasheet HTML 7Page - Texas Instruments SN65HVD101 Datasheet HTML 8Page - Texas Instruments SN65HVD101 Datasheet HTML 9Page - Texas Instruments SN65HVD101 Datasheet HTML 10Page - Texas Instruments SN65HVD101 Datasheet HTML 11Page - Texas Instruments SN65HVD101 Datasheet HTML 12Page - Texas Instruments SN65HVD101 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
L+
L-
GND
V
CC
CUR_OK
TX
MICRO
CONTROLLER
IOLINK
MASTER
CQ
LIM ADJ
RX
EN
V
SET
CC
WAKE
PWR_OK
SENSOR
V
IN
CC
SN65HVD101
SN65HVD101
SN65HVD102
www.ti.com
SLLSE84A – MAY 2011 – REVISED MARCH 2013
APPLICATION INFORMATION
Figure 6. Application Example With VCC = 3.3 V
N-Switch SIO Mode
Set TX pin High and use EN pin as the control to realize the function of N-switch (low-side driver) on the CQ pin.
EN
TX
CQ
L
H
Hi-Z
H
H
N-Switch
P-Switch SIO Mode
Set TX pin Low and use EN pin as the control to realize the function of P-switch (high-side driver) on the CQ pin.
EN
TX
CQ
L
L
Hi-Z
H
L
P-Switch
Push-Pull / Communication Mode
Set TX pin Low and use EN pin as the control to realize the function of P-switch (high-side driver) on the CQ pin.
EN
TX
CQ
L
X
Hi-Z
H
H
N-Switch
H
L
P-Switch
Wake up detection
The device may be in IO-Link mode or SIO mode. If the device is in SIO mode and the master node wants to
initiate communication with the device node, the master drives the CQ line to the opposite of its present state,
and will either sink or source the wake up current (IQWU is typically up to 500 mA) for the wake-up duration (TWU
is typically 80 µs) depending on the CQ logic level as per the IO-LINK specification. The SN65HVD1XX IO-LINK
PHY detects this wake-up condition and communicates to the local microcontroller via the WAKE pin. The IO-
Link Communication Specification requires the device node to switch to receive mode within 500 microseconds
after receiving the Wake Up signal.
For over-current conditions shorter or longer than a valid Wake-Up pulse, the WAKE pin will remain in a high-
impedance (inactive) state. This is illustrated in Figure 7, and discussed in the following paragraph.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: SN65HVD101 SN65HVD102


Similar Part No. - SN65HVD101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD101 TI1-SN65HVD101 Datasheet
105Kb / 4P
[Old version datasheet]   IO-LINK PHY for Device Nodes
SN65HVD101 TI1-SN65HVD101 Datasheet
1Mb / 30P
[Old version datasheet]   IO-Link PHY for Device Nodes
SN65HVD101RGBR TI1-SN65HVD101RGBR Datasheet
1Mb / 30P
[Old version datasheet]   IO-Link PHY for Device Nodes
SN65HVD101RGBT TI1-SN65HVD101RGBT Datasheet
1Mb / 30P
[Old version datasheet]   IO-Link PHY for Device Nodes
SN65HVD101RTJ TI1-SN65HVD101RTJ Datasheet
105Kb / 4P
[Old version datasheet]   IO-LINK PHY for Device Nodes
More results

Similar Description - SN65HVD101

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8424 TI-TCA8424 Datasheet
925Kb / 30P
[Old version datasheet]   Check for Samples: TCA8424
TAS5760M TI-TAS5760M Datasheet
1Mb / 66P
[Old version datasheet]   Check for Samples: TAS5760M
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TAS5760L TI-TAS5760L Datasheet
1Mb / 57P
[Old version datasheet]   Check for Samples: TAS5760L
TLV320AIC3263 TI-TLV320AIC3263 Datasheet
1Mb / 62P
[Old version datasheet]   Check for Samples: TLV320AIC3263
TLV713P TI-TLV713P Datasheet
1Mb / 26P
[Old version datasheet]   Check for Samples: TLV713, TLV713P
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
[Old version datasheet]   LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
OPA170-DIE TI-OPA170-DIE Datasheet
60Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER VALUE LINE SERIES Check for Samples: OPA170-DIE
logo
PHOENIX CONTACT
2746951 PHOENIX-2746951 Datasheet
178Kb / 4P
   Samples - IBS CHIP-MUSTER/...
Dec 6, 2022
logo
Motorola, Inc
MC92307 MOTOROLA-MC92307 Datasheet
121Kb / 10P
   2K - Samples FFT-Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com