Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD102 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD102
Description  Check for Samples: SN65HVD101, SN65HVD102
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD102 Datasheet(HTML) 3 Page - Texas Instruments

  SN65HVD102 Datasheet HTML 1Page - Texas Instruments SN65HVD102 Datasheet HTML 2Page - Texas Instruments SN65HVD102 Datasheet HTML 3Page - Texas Instruments SN65HVD102 Datasheet HTML 4Page - Texas Instruments SN65HVD102 Datasheet HTML 5Page - Texas Instruments SN65HVD102 Datasheet HTML 6Page - Texas Instruments SN65HVD102 Datasheet HTML 7Page - Texas Instruments SN65HVD102 Datasheet HTML 8Page - Texas Instruments SN65HVD102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
L+
WAKE
RX
TX
EN
Vcc IN
Vcc OUT
GND
TEMP_OK
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
L+
WAKE
RX
TX
EN
Vcc IN
NC
GND
TEMP_OK
NC
HVD101
(Top View)
HVD102
(Top View)
SN65HVD101
SN65HVD102
www.ti.com
SLLSE84A – MAY 2011 – REVISED MARCH 2013
In normal operation, the PHY sets the output state of the CQ pin when the driver is enabled. During fault
conditions, the driver may be disabled by internal circuits.
Table 1. Driver Function
EN
TX
CQ
COMMENT
L or OPEN
X
Z
PHY is in ready-to-receive state
H
L
H
PHY CQ is sourcing current (high-side drive)
H
H or OPEN
L
PHY CQ is sinking current (low-side drive)
Table 2. Receiver Function
CQ Voltage
RX
Comment
VCQ < VTHL
H
Normal receive mode, input low
VTHL < VCQ < VTHH
?
Indeterminate output, may be either H or L
VTHH < VCQ
L
Normal receive mode, input high
OPEN
H
Failsafe output high
Table 3. Wake Up Function
EN
TX
CQ VOLTAGE
WAKE
COMMENT
L
X
X
Z
PHY is in ready-to-receive state
H
L
VTHH < VCQ (tWU)
L
PHY receives High-level wake-up request from Master
H
X
VTHL < VCQ < VTHH
?
Indeterminate output, may be either H or L
H
H
VCQ < VTHL (tWU)
L
PHY receives Low-level wake-up request from Master
Table 4. Current Limit Indicator Function
CQ CURRENT
CUR_OK
COMMENT
|ICQ| < IO(LIM)
Z
Normal operation
|ICQ| > IO(LIM)
L
CQ current is at the internal limit
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN65HVD101 SN65HVD102


Similar Part No. - SN65HVD102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD102 TI1-SN65HVD102 Datasheet
1Mb / 30P
[Old version datasheet]   IO-Link PHY for Device Nodes
SN65HVD102RGBR TI1-SN65HVD102RGBR Datasheet
1Mb / 30P
[Old version datasheet]   IO-Link PHY for Device Nodes
SN65HVD102RGBT TI1-SN65HVD102RGBT Datasheet
1Mb / 30P
[Old version datasheet]   IO-Link PHY for Device Nodes
More results

Similar Description - SN65HVD102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA8424 TI-TCA8424 Datasheet
925Kb / 30P
[Old version datasheet]   Check for Samples: TCA8424
TAS5760M TI-TAS5760M Datasheet
1Mb / 66P
[Old version datasheet]   Check for Samples: TAS5760M
TAS5760MD TI-TAS5760MD Datasheet
1Mb / 64P
[Old version datasheet]   Check for Samples: TAS5760MD
TAS5760L TI-TAS5760L Datasheet
1Mb / 57P
[Old version datasheet]   Check for Samples: TAS5760L
TLV320AIC3263 TI-TLV320AIC3263 Datasheet
1Mb / 62P
[Old version datasheet]   Check for Samples: TLV320AIC3263
TLV713P TI-TLV713P Datasheet
1Mb / 26P
[Old version datasheet]   Check for Samples: TLV713, TLV713P
LP8340 TI1-LP8340 Datasheet
1Mb / 18P
[Old version datasheet]   LP8340 Low Dropout, Low IQ, 1.0A CMOS Linear Regulator Check for Samples: LP8340
OPA170-DIE TI-OPA170-DIE Datasheet
60Kb / 5P
[Old version datasheet]   SINGLE-SUPPLY, LOW-POWER OPERATIONAL AMPLIFIER VALUE LINE SERIES Check for Samples: OPA170-DIE
logo
PHOENIX CONTACT
2746951 PHOENIX-2746951 Datasheet
178Kb / 4P
   Samples - IBS CHIP-MUSTER/...
Dec 6, 2022
logo
Motorola, Inc
MC92307 MOTOROLA-MC92307 Datasheet
121Kb / 10P
   2K - Samples FFT-Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com