Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5023 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5023
Description  AC-DC Quasi-Resonant Current Mode PWM Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5023 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5023 Datasheet HTML 6Page - Texas Instruments LM5023 Datasheet HTML 7Page - Texas Instruments LM5023 Datasheet HTML 8Page - Texas Instruments LM5023 Datasheet HTML 9Page - Texas Instruments LM5023 Datasheet HTML 10Page - Texas Instruments LM5023 Datasheet HTML 11Page - Texas Instruments LM5023 Datasheet HTML 12Page - Texas Instruments LM5023 Datasheet HTML 13Page - Texas Instruments LM5023 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
2
2
Re sistors
Vdc
325
P
10.56mW
Rstart
up
10M
=
=
=
-
W
Rstart
up
10M
-
=
W
Vdc max
230Vac
2
325Vdc
=
·
=
LM5023
OUT
QR
CS
VCC
GND
90-264 VAC
High
Voltage
Start-up
VSD
Depletion
Mode
FET
CVCC
RVSD
LM5023
SNVS961C – APRIL 2013 – REVISED AUGUST 2013
www.ti.com
Figure 8. Start-Up With a Depletion Mode FET
An alternative start-up circuit employs an Enhancement Mode FET with resistors connected from the rectified dc
bus to the Gate of the FET, Figure 9. After the input AC power is applied the Enhancement Mode FET supplies
the charging current to the VCC capacitor CVCC. After reaching the VCCON threshold the LM5023 VSD open
Drain output, which is pulled up to VCC during start-up, goes low. This grounds the Gate of the start-up MOSFET
turning it off. The start-up resistors are always in the circuit, therefore the standby power consumed will be higher
than if a Depletion Mode FET were used.
Vin = 230 Vac
VCC = 10 V
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: LM5023


Similar Part No. - LM5023

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5023 TI1-LM5023 Datasheet
1Mb / 38P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
LM5023MM-2 TI1-LM5023MM-2 Datasheet
1Mb / 38P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
LM5023MM-2/NOPB TI1-LM5023MM-2/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
LM5023MMX-2 TI1-LM5023MMX-2 Datasheet
1Mb / 38P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
LM5023MMX-2/NOPB TI1-LM5023MMX-2/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
More results

Similar Description - LM5023

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5023 TI1-LM5023_16 Datasheet
1Mb / 38P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
LM5023 TI-LM5023_15 Datasheet
2Mb / 33P
[Old version datasheet]   AC-DC Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FL6300A FAIRCHILD-FL6300A Datasheet
912Kb / 13P
   Quasi-Resonant Current Mode PWM Controller for Lighting
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FL6300A ONSEMI-FL6300A Datasheet
599Kb / 15P
   Quasi-Resonant Current Mode PWM Controller for Lighting
November 2012 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300 FAIRCHILD-FAN6300 Datasheet
761Kb / 14P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
NCP1336A ONSEMI-NCP1336A_14 Datasheet
936Kb / 26P
   Quasi-Resonant Current Mode Controller
April, 2014 ??Rev. 2
logo
AiT Semiconductor Inc.
AP8366 AITSEMI-AP8366 Datasheet
705Kb / 14P
   AC-DC PWM CONTROLLER LOW STANDBY-POWER QUASI-RESONANT
REV1.2
logo
Infineon Technologies A...
ICE2QS03 INFINEON-ICE2QS03 Datasheet
803Kb / 19P
   Quasi-Resonant PWM Controller
Ver 2.0, December 4, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com