Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPC350 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DLPC350
Description  DLP Digital Controller for the DLP4500 DMD
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC350 Datasheet(HTML) 1 Page - Texas Instruments

  DLPC350 Datasheet HTML 1Page - Texas Instruments DLPC350 Datasheet HTML 2Page - Texas Instruments DLPC350 Datasheet HTML 3Page - Texas Instruments DLPC350 Datasheet HTML 4Page - Texas Instruments DLPC350 Datasheet HTML 5Page - Texas Instruments DLPC350 Datasheet HTML 6Page - Texas Instruments DLPC350 Datasheet HTML 7Page - Texas Instruments DLPC350 Datasheet HTML 8Page - Texas Instruments DLPC350 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
DLPC350
www.ti.com
DLPS029A – APRIL 2013 – REVISED MAY 2013
DLP® Digital Controller for the DLP4500 DMD
Check for Samples: DLPC350
1
FEATURES
2
Supports Reliable Operation of the DLP4500
Microprocessor Peripherals
DMD
Programmable PWM and Capture timers
Two Types of Input Interfaces
Two I2C Ports
YUV, YCrCb, or RGB data format
One USB 1.1 Slave Port
8, 9, or 10 bits per color
32 kB of internal RAM
Pixel Clock support up to 150 MHz
Dedicated LED PWM generators
Single channel, LVDS Flat-Panel Display
Integrated Clock Generation Circuitry
(FPD-Link) compatible Input Interface
Operates on a single 32 MHz Crystal
Supports sources up to a 90 MHz
Integrated spread spectrum clocking
effective pixel clock rate
Parallel Flash for microprocessor
Four demodulated pixel mapped modes
System Control:
supported for 8, 9, 10 YUV, YCrCb, or
Integrated DMD Power and Reset Driver
RGB formatted input
Control
Two Modes of Operation
DMD Horizontal and Vertical Image Flip
Structured Light Mode
JTAG Boundary Scan Test support
Pixel Accurate Mode with no video
419 Pin Plastic Ball Grid Array package
processing
One-to-One Mapping of Input Data to
APPLICATIONS
Micromirrors
Machine Vision
1-Bit Binary Pattern Rates up to 4225 Hz
Industrial Inspection
8-Bit Gray Pattern Rates up to 120 Hz
3D Scanning
Video Projection Mode
3D Optical Metrology
Programmable color coordinate
Automated Fingerprint Identification
adjustment
Face Recognition
Programmable color space conversion
Augmented Reality
Programmable Degamma
Interactive Display
Spatial-Temporal Multiplexing
(Dithering)
Information Overlay
Dynamic and Anamorphic Scaling
Spectroscopy
Splash Screen Display support
Chemical Analyzers
Supports 10 Hz to 120 Hz frame rates
Medical Instruments
High Speed, Double-Data-Rate DMD Interface
Photo-Stimulation
Virtual Gauges
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DLP is a registered trademark of Texas Insturments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DLPC350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC350ZFF TI1-DLPC350ZFF Datasheet
1Mb / 50P
[Old version datasheet]   DLP Digital Controller for the DLP4500 DMD
DLPC350ZFF TI1-DLPC350ZFF Datasheet
2Mb / 62P
[Old version datasheet]   Digital Controller for Portable Advanced Light Control
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
[Old version datasheet]   Digital Controller for Portable Advanced Light Control
More results

Similar Description - DLPC350

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC350ZFF TI1-DLPC350ZFF Datasheet
1Mb / 50P
[Old version datasheet]   DLP Digital Controller for the DLP4500 DMD
DLPC200 TI1-DLPC200_17 Datasheet
1Mb / 52P
[Old version datasheet]   DLP Digital Controller for the DLP5500 DMD
DLPC200 TI-DLPC200_1 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
DLPC100 TI1-DLPC100 Datasheet
495Kb / 25P
[Old version datasheet]   DLP짰 Digital Controller for the DLP1700 DMD
DLPC300 TI1-DLPC300 Datasheet
726Kb / 39P
[Old version datasheet]   DLP짰 Digital Controller for the DLP3000 DMD
DLPC200 TI-DLPC200 Datasheet
968Kb / 41P
[Old version datasheet]   DLP짰 Digital Controller for the DLP5500 DMD
DLP4500 TI1-DLP4500_19 Datasheet
2Mb / 61P
[Old version datasheet]   DLP4500 .45 WXGA DMD
DLPC300 TI1-DLPC300_15 Datasheet
1Mb / 51P
[Old version datasheet]   DLP Digital Controller
DLPC200 TI1-DLPC200 Datasheet
1Mb / 52P
[Old version datasheet]   DLP Digital Controller
DLP4500 TI1-DLP4500 Datasheet
2Mb / 36P
[Old version datasheet]   DLP 0.45 WXGA DMD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com