Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSD87588N Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CSD87588N
Description  Synchronous Buck NexFET Power Block II
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD87588N Datasheet(HTML) 3 Page - Texas Instruments

  CSD87588N Datasheet HTML 1Page - Texas Instruments CSD87588N Datasheet HTML 2Page - Texas Instruments CSD87588N Datasheet HTML 3Page - Texas Instruments CSD87588N Datasheet HTML 4Page - Texas Instruments CSD87588N Datasheet HTML 5Page - Texas Instruments CSD87588N Datasheet HTML 6Page - Texas Instruments CSD87588N Datasheet HTML 7Page - Texas Instruments CSD87588N Datasheet HTML 8Page - Texas Instruments CSD87588N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CSD87588N
www.ti.com
SLPS384A – MARCH 2013 – REVISED MAY 2013
THERMAL INFORMATION
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
Junction to ambient thermal resistance (Min Cu) (1)
170
RθJA
Junction to ambient thermal resistance (Max Cu) (2)(1)
70
°C/W
Junction to case thermal resistance (Top of package) (1)
3.7
RθJC
Junction to case thermal resistance (PGND Pin)
(1)
1.25
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2 oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch
(3.81-cm × 3.81-cm), 0.06-inch (1.52-mm) thick FR4 board. RθJC is specified by design while RθJA is determined by the user’s board
design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2) Cu.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - CSD87588N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87588N TI-CSD87588N Datasheet
1Mb / 23P
[Old version datasheet]   CSD87588N Synchronous Buck NexFET Power Block II
CSD87588NT TI-CSD87588NT Datasheet
1Mb / 23P
[Old version datasheet]   CSD87588N Synchronous Buck NexFET Power Block II
CSD87588N TI-CSD87588N_15 Datasheet
1Mb / 23P
[Old version datasheet]   CSD87588N Synchronous Buck NexFET Power Block II
More results

Similar Description - CSD87588N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD87381P TI-CSD87381P Datasheet
987Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Block II
CSD87384M TI1-CSD87384M Datasheet
994Kb / 20P
[Old version datasheet]   Synchronous Buck NexFET Power Block II
CSD87588N TI-CSD87588N_15 Datasheet
1Mb / 23P
[Old version datasheet]   CSD87588N Synchronous Buck NexFET Power Block II
CSD87384M TI1-CSD87384M Datasheet
1,000Kb / 21P
[Old version datasheet]   CSD87384M Synchronous Buck NexFET Power Block II
CSD87381P TI-CSD87381P_15 Datasheet
998Kb / 25P
[Old version datasheet]   CSD87381P Synchronous Buck NexFET??Power Block II
CSD87384M TI-CSD87384M_15 Datasheet
972Kb / 23P
[Old version datasheet]   CSD87384M Synchronous Buck NexFET??Power Block II
CSD87352Q5D TI1-CSD87352Q5D Datasheet
746Kb / 18P
[Old version datasheet]   Synchronous Buck NexFET Power Block
JUNE2011
CSD86330Q3D TI-CSD86330Q3D_11 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87330Q3D TI-CSD87330Q3D Datasheet
776Kb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
CSD87352Q5D_1111 TI-CSD87352Q5D_1111 Datasheet
1Mb / 21P
[Old version datasheet]   Synchronous Buck NexFET??Power Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com