Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMR800PS24 Datasheet(PDF) 3 Page - XP Power Limited

Part # SMR800PS24
Description  600-800 Watts SMR Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SMR800PS24 Datasheet(HTML) 3 Page - XP Power Limited

  SMR800PS24 Datasheet HTML 1Page - XP Power Limited SMR800PS24 Datasheet HTML 2Page - XP Power Limited SMR800PS24 Datasheet HTML 3Page - XP Power Limited SMR800PS24 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Option ‘-F’ Molex Part No.
09-91-0700 (7 pins,
5 used) Pin No.3,6 NC
Terminal Block
M3.5 Screw 3 Pins 9.5 mm Center
pin 1
CN1
CN3
Pin 1
Pin 7
Option ‘-E’ Molex
Part No. 09-91-2000 (20 pins)
Terminal Block
M3.5 Screw
3 Pins 9.5 mm Center
2.00 (50.8)
2.50 (63.5)
2.56 (65.0) height with
optional ‘-C’ cover
2.00 (50.8)
2.50 (63.5)
AB
B
B
B
B
A
AA
AA
B
AB
A
B
1.50 (38.1)
5.00 (127.0)
1.00 (25.4)
1.00 (25.4)
2.50 (63.5)
0.37
(9.5)
6.00 (152.4)
4.33
(110.0)
8.00 (203.2)
0.33 (8.3)
0.92 (23.3)
0.92 (23.3)
1.29 (32.8)
1.29 (32.8)
1.75 (44.5)
2.50 (63.5)
POT
V adjust
2.50 (63.5)
0.92 (23.3)
1.29 (32.8)
2.50
(63.5)
1.75
(44.5)
CN1
pin 1
Option ‘-F’ Molex Part No.
09-91-0700 (7 pins, 5 used)
Pin No.3,6 NC
Option ‘-E’ Molex
Part No. 09-91-2000
(20 pins)
Terminal Block
M3.5 Screw 3Pins 9.5mm Center
Terminal Block
M3.5 Screw 3Pins 9.5mm Center
A
AA
A
A
A
BB
B
B
B
B
AA
B
B
CN3
Pin 1
Pin 7
2.00 (50.8)
2.50 (63.5)
2.50 (63.5)
0.37
(9.5)
3.40 (86.4)
3.40 (86.4)
1.50 (38.1)
5.00 (127.0)
1.00
(25.4)
1.00 (25.4)
6.00 (152.4)
8.00 (203.2)
0.33 (8.3)
4.33
(110.0)
V adjust
2.00 (50.8)
2.50 (63.5)
3.40
(86.4)
POT
2.50 (63.5)
All dimensions are in inches (mm). Weight: 3.30 lbs (1.5 kg) approx.
Maximum mounting screw penetration: 0.12 (3.0) on base & 0.25 (6.3) on
each side.
Logic connector CN3 mates with: JST XHP-7 or equivalent & JST SXH-
002T-P0.6 crimp terminals.
CN3 (Signals)
Pin
Function
1
Current monitor
2*
Current share
3
Return
4
Power good
5
Remote On/Off
6*
-Remote sense
7*
+Remote sense
*If optional current share if fitted then
remote sense function is excluded.
Top Fan Version
SMT
U Channel Version
SMS
Notes
SMR Series
Mechanical Details


Similar Part No. - SMR800PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SMR800PS24 XPPOWER-SMR800PS24 Datasheet
262Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com