Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCH400 Datasheet(PDF) 2 Page - XP Power Limited

Part # CCH400
Description  400/600 Watts CCH400600 Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

CCH400 Datasheet(HTML) 2 Page - XP Power Limited

  CCH400 Datasheet HTML 1Page - XP Power Limited CCH400 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23-Jul-13
+
-
Voltage Adjust.
Pin 2
Pin 10
Pin 9
Pin 1
Signals Connector
Exploded View
Input Connector
3 Way AMP/Tyco
8.43 (214.00)
0.30 (7.72)
4.02
(102.00)
Output Terminals (M4)
Torque 8 in-lb (0.9 Nm) max
Torque 13.2 in-lb (1.5 Nm) max
1.69
(43.00)
7.84 (199.00)
M4 fixings in 6 positions
Max. screw penetration to be 0.16 (4.0)
from bottom face of baseplate
4.21 (107.00)
0.59 (15.00)
0.177 Ø (4.50)
thru in 4 positions
3.48 (88.4)
0.27
(6.80)
8.23 (209.00)
0.20
(5.00)
1.18
(30.00)
2.83
(72.00)
Pin 1
Pin 2
Pin 3
Input Connector
CCH400/600
Models and Ratings
Mechanical Details
Thermal Considerations
Notes
1. All dimensions in inches (mm).
2. Tolerance .xx = ±0.02 (0.50);
.xxx = ±0.01 (0.25)
3. Weight 3.3 lbs (1.5 kg)
4. Connector kit available, order part no. ‘CCH CONKIT’
Signal Connector
Pin
Function
1
Current Share
2
Inhibit
3
Overtemp. Warning
4
Power Fail
5
+Sense
6
-Sense
7
-Standby
8
-Standby
9
+Standby
10
+Standby
Connector: 10 WAY 2mm pitch p/n
MOLEX 87833-1031
Mating half: p/n MOLEX 51110-1056
Contact: p/n MOLEX 50394-8100
Input Connector
Pin
Function
1
Earth
2
Neutral
3
Line
Connector: 3 way AMP/Tyco
type MATE-N-LOK 1-350943-0
Mates with MATE-N-LOK 350766-1
Output Power
Output Voltage V1
Output Current V1
Standby Supply V2
Model Number
411 W
12.0 VDC
34.0 A
5.0 V/0.5 A
CCH400PS12
411 W
24.0 VDC
17.0 A
5.0 V/0.5 A
CCH400PS24
409 W
28.0 VDC
14.5 A
5.0 V/0.5 A
CCH400PS28
411 W
48.0 VDC
8.5 A
5.0 V/0.5 A
CCH400PS48
603 W
12.0 VDC
50.0 A
5.0 V/0.5 A
CCH600PS12
603 W
24.0 VDC
25.0 A
5.0 V/0.5 A
CCH600PS24
605 W
28.0 VDC
21.5 A
5.0 V/0.5 A
CCH600PS28
603 W
48.0 VDC
12.5 A
5.0 V/0.5 A
CCH600PS48
The baseplate must be maintained below 85 °C and therefore a suitable heatsink must be selected to remove the heat from the power supply.
Details of the heatsink calculations and other considerations can be found in the longform datasheet.
-40
-20
0
+70
50
100
Ambient Temperature (ºC)
0


Similar Part No. - CCH400

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CCH400 XPPOWER-CCH400 Datasheet
669Kb / 2P
   5V Standby Output
CCH400PS12 XPPOWER-CCH400PS12 Datasheet
580Kb / 2P
   400/600 Watts
CCH400PS12 XPPOWER-CCH400PS12 Datasheet
669Kb / 2P
   5V Standby Output
CCH400PS24 XPPOWER-CCH400PS24 Datasheet
580Kb / 2P
   400/600 Watts
CCH400PS24 XPPOWER-CCH400PS24 Datasheet
669Kb / 2P
   5V Standby Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com