Electronic Components Datasheet Search |
|
5M2210ZE64A5N Datasheet(PDF) 11 Page - Altera Corporation |
|
5M2210ZE64A5N Datasheet(HTML) 11 Page - Altera Corporation |
11 / 166 page Chapter 1: MAX V Device Family Overview 1–3 Integrated Software Platform May 2011 Altera Corporation MAX V Device Handbook the necessary power pins for migration. For I/O pin migration across densities, cross reference the available I/O pins using the device pin-outs for all planned densities of a given package type to identify which I/O pins can be migrated. The Quartus® II software can automatically cross-reference and place all pins for you when given a device migration list. Integrated Software Platform The Quartus II software provides an integrated environment for HDL and schematic design entry, compilation and logic synthesis, full simulation and advanced timing analysis, and programming of MAX V devices. f For more information about the Quartus II software features, refer to the Quartus II Handbook. You can debug your MAX V designs using In-System Sources and Probes Editor in the Quartus II software. This feature allows you to easily control any internal signal and provides you with a completely dynamic debugging environment. f For more information about the In-System Sources and Probes Editor, refer to the Design Debugging Using In-System Sources and Probes chapter of the Quartus II Handbook. Device Pin-Outs f For more information, refer to the MAX V Device Pin-Out Files page. Table 1–2. MAX V Packages and User I/O Pins (Note 1) Device 64-Pin MBGA 64-Pin EQFP 68-Pin MBGA 100-Pin TQFP 100-Pin MBGA 144-Pin TQFP 256-Pin FBGA 324-Pin FBGA 5M40Z 30 54 — — — — — — 5M80Z 30 54 52 79 — — — — 5M160Z — 54 52 79 79 — — — 5M240Z — — 52 79 79 114 — — 5M570Z — — — 74 74 114 159 — 5M1270Z — — — — — 114 211 271 5M2210Z — — — — — — 203 271 Note to Table 1–2: (1) Device packages under the same arrow sign have vertical migration capability. Table 1–3. MAX V Package Sizes Package 64-Pin MBGA 64-Pin EQFP 68-Pin MBGA 100-Pin TQFP 100-Pin MBGA 144-Pin TQFP 256-Pin FBGA 324-Pin FBGA Pitch (mm) 0.5 0.4 0.5 0.5 0.5 0.5 1 1 Area (mm2) 20.25 81 25 256 36 484 289 361 Length × width (mm × mm) 4.5 × 4.5 9 × 9 5 × 5 16 × 16 6 × 6 22 × 22 17 × 17 19 × 19 |
Similar Part No. - 5M2210ZE64A5N |
|
Similar Description - 5M2210ZE64A5N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |