Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE540 Datasheet(PDF) 3 Page - Yea Shin Technology Co., Ltd

Part # 1.5KE540
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

1.5KE540 Datasheet(HTML) 3 Page - Yea Shin Technology Co., Ltd

  1.5KE540 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 1.5KE540 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 1.5KE540 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 1.5KE540 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
http://www.yeashin.com
3
REV.02 20120403
1.5KE Series
BreakdownVoltage
Test
Current
Reverse Leakage
Max.Clamp
Voltage
Peak
Pulse
Current
Reverse
Stand-off
Voltage
VBR@IT
IR@ VRWM
Part Number
VRWM
Min.
Max.
IT
UNI
BI
Vc@Ipp
Ipp
UNI
BI
V
V
V
m A
µA
µA
V
A
Package
1500W Transient Voltage Suppresor
1.5KE62
1.5KE62C
50.2
55.80
68.20
1
5.0
5.0
89.0
16.9
DO-201AE
1.5KE62A
1.5KE62CA
53.0
58.90
65.10
1
5.0
5.0
85.0
17.6
DO-201AE
1.5KE68
1.5KE68C
55.1
61.20
74.80
1
5.0
5.0
98.0
15.3
DO-201AE
1.5KE68A
1.5KE68CA
58.1
64.40
71.40
1
5.0
5.0
92.0
16.3
DO-201AE
1.5KE75
1.5KE75C
60.7
67.50
82.50
1
5.0
5.0
109.0
13.9
DO-201AE
1.5KE75A
1.5KE75CA
64.1
71.30
78.80
1
5.0
5.0
104.0
14.6
DO-201AE
1.5KE82
1.5KE82C
66.4
73.80
90.20
1
5.0
5.0
118.0
12.7
DO-201AE
1.5KE82A
1.5KE82CA
70.1
77.90
86.10
1
5.0
5.0
113.0
13.3
DO-201AE
1.5KE91
1.5KE91C
73.7
81.90
100.00
1
5.0
5.0
131.0
11.5
DO-201AE
1.5KE91A
1.5KE91CA
77.8
86.50
95.50
1
5.0
5.0
125.0
12.0
DO-201AE
1.5KE100
1.5KE100C
81.0
90.00
110.00
1
5.0
5.0
1444.0
10.4
DO-201AE
1.5KE100A
1.5KE100CA
85.5
95.00
105.00
1
5.0
5.0
137.0
10.9
DO-201AE
1.5KE110
1.5KE110C
89.2
99.00
121.00
1
5.0
5.0
158.0
9.5
DO-201AE
1.5KE110A
1.5KE110CA
94.0
105.00
116.00
1
5.0
5.0
152.0
9.9
DO-201AE
1.5KE120
1.5KE120C
97.2
108.00
132.00
1
5.0
5.0
173.0
8.7
DO-201AE
1.5KE120A
1.5KE120CA
102.0
114.00
126.00
1
5.0
5.0
165.0
9.1
DO-201AE
1.5KE130
1.5KE130C
105.0
117.00
143.00
1
5.0
5.0
187.0
8.0
DO-201AE
1.5KE130A
1.5KE130CA
111.0
124.00
317.00
1
5.0
5.0
179.0
8.4
DO-201AE
1.5KE150
1.5KE150C
121.0
135.00
165.00
1
5.0
5.0
215.0
7.0
DO-201AE
1.5KE150A
1.5KE150CA
128.0
143.00
158.00
1
5.0
5.0
207.0
7.2
DO-201AE
1.5KE160
1.5KE160C
130.0
144.00
176.00
1
5.0
5.0
230.0
6.5
DO-201AE
1.5KE160A
1.5KE160CA
136.0
152.00
168.00
1
5.0
5.0
219.0
6.8
DO-201AE
1.5KE170
1.5KE170C
138.0
153.00
187.00
1
5.0
5.0
244.0
6.1
DO-201AE
1.5KE170A
1.5KE170CA
145.0
162.00
179.00
1
5.0
5.0
234.0
6.4
DO-201AE
1.5KE180
1.5KE180C
146.0
162.00
198.00
1
5.0
5.0
258.0
5.8
DO-201AE
1.5KE180A
1.5KE180CA
154.0
171.00
189.00
1
5.0
5.0
246.0
6.1
DO-201AE
1.5KE200
1.5KE200C
162.0
180.00
220.00
1
5.0
5.0
287.0
5.2
DO-201AE
1.5KE200A
1.5KE200CA
171.0
190.00
210.00
1
5.0
5.0
274.0
5.5
DO-201AE
1.5KE220
1.5KE220C
175.0
198.00
242.00
1
5.0
5.0
344.0
4.4
DO-201AE
1.5KE220A
1.5KE220CA
185.0
209.00
231.00
1
5.0
5.0
328.0
4.6
DO-201AE
1.5KE250
1.5KE250C
202.0
225.00
275.00
1
5.0
5.0
360.0
4.2
DO-201AE
1.5KE250A
1.5KE250CA
214.0
237.00
563.00
1
5.0
5.0
344.0
4.4
DO-201AE
1.5KE300
1.5KE300C
243.0
270.00
330.00
1
5.0
5.0
430.0
3.5
DO-201AE
1.5KE300A
1.5KE300CA
256.0
285.00
315.00
1
5.0
5.0
414.0
3.6
DO-201AE
1.5KE350
1.5KE350C
284.0
315.00
385.00
1
5.0
5.0
504.0
3.0
DO-201AE
1.5KE350A
1.5KE350CA
300.0
333.00
368.00
1
5.0
5.0
482.0
3.1
DO-201AE
1.5KE400
1.5KE400C
324.0
360.00
440.00
1
5.0
5.0
574.0
2.6
DO-201AE
1.5KE400A
1.5KE400CA
342.0
380.00
420.00
1
5.0
5.0
548.0
2.7
DO-201AE
1.5KE440
1.5KE440C
356.0
396.00
484.00
1
5.0
5.0
631.0
2.4
DO-201AE
1.5KE440A
1.5KE440CA
376.0
418.00
462.00
1
5.0
5.0
602.0
2.5
DO-201AE
1.5KE480
1.5KE480C
389.0
432.00
528.00
1
5.0
5.0
686.0
2.2
DO-201AE
1.5KE480A
1.5KE480CA
408.0
456.00
504.00
1
5.0
5.0
658.0
2.3
DO-201AE
1.5KE510
1.5KE510C
413.0
459.00
561.00
1
5.0
5.0
729.0
2.1
DO-201AE
1.5KE510A
1.5KE510CA
434.0
485.00
535.00
1
5.0
5.0
698.0
2.2
DO-201AE
1.5KE540
1.5KE540C
437.0
486.00
594.00
1
5.0
5.0
772.0
1.9
DO-201AE
1.5KE540A
1.5KE540CA
459.0
513.00
567.00
1
5.0
5.0
740.0
2.0
DO-201AE


Similar Part No. - 1.5KE540

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KE540 VISHAY-1.5KE540 Datasheet
113Kb / 6P
   TRANSZORB Transient Voltage Suppressors
30-Oct-02
1.5KE540 VISHAY-1.5KE540 Datasheet
115Kb / 8P
   TRANSZORB Transient Voltage Suppressors
20-Jun-06
logo
Galaxy Semi-Conductor H...
1.5KE540 BILIN-1.5KE540 Datasheet
133Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1.5KE540 VISHAY-1.5KE540 Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Yangzhou yangjie electr...
1.5KE540 YANGJIE-1.5KE540 Datasheet
270Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Similar Description - 1.5KE540

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com