Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ-3EKF4992V Datasheet(PDF) 5 Page - International Rectifier

Part # ERJ-3EKF4992V
Description  6A Highly Integrated SupIRBuck
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ERJ-3EKF4992V Datasheet(HTML) 5 Page - International Rectifier

  ERJ-3EKF4992V Datasheet HTML 1Page - International Rectifier ERJ-3EKF4992V Datasheet HTML 2Page - International Rectifier ERJ-3EKF4992V Datasheet HTML 3Page - International Rectifier ERJ-3EKF4992V Datasheet HTML 4Page - International Rectifier ERJ-3EKF4992V Datasheet HTML 5Page - International Rectifier ERJ-3EKF4992V Datasheet HTML 6Page - International Rectifier ERJ-3EKF4992V Datasheet HTML 7Page - International Rectifier ERJ-3EKF4992V Datasheet HTML 8Page - International Rectifier ERJ-3EKF4992V Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
- 5 -
JANURARY 18, 2013 | DATA SHEET | Rev 3.5
5
IR3898
6A Highly Integrated SupIRBuck
TM
Single-Input Voltage, Synchronous Buck Regulator
PD-97662
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications are not implied.
PVin, Vin
-0.3V to 25V
Vcc/LDO_Out
-0.3V to 8V (Note 2)
Boot
-0.3V to 33V
SW
-0.3V to 25V (DC), -4V to 25V (AC, 100ns)
Boot to SW
-0.3V to VCC + 0.3V (Note 1)
S_Ctrl, PGood
-0.3V to VCC + 0.3V (Note 1)
Other Input/Output Pins
-0.3V to +3.9V
PGnd to Gnd
-0.3V to +0.3V
Storage Temperature Range
-55°C to 150°C
Junction Temperature Range
-40°C to 150°C (Note 2)
ESD Classification (HBM JESD22-A114)
2kV
Moisture Sensitivity Level
JEDEC Level 2@260°C
Note 1: Must not exceed 8V
Note 2: Vcc must not exceed 7.5V for Junction Temperature between -10°C and -40°C


Similar Part No. - ERJ-3EKF4992V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ERJ-3EKF4992V IRF-ERJ-3EKF4992V Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
ERJ-3EKF4992V IRF-ERJ-3EKF4992V Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
ERJ-3EKF4992V IRF-ERJ-3EKF4992V Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
ERJ-3EKF4992V IRF-ERJ-3EKF4992V Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
ERJ-3EKF4992V IRF-ERJ-3EKF4992V Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
More results

Similar Description - ERJ-3EKF4992V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3473 IRF-IR3473 Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com