Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM188R71H103KA01D Datasheet(PDF) 9 Page - International Rectifier

Part # GRM188R71H103KA01D
Description  Dual output, 6A/Phase, Highly Integrated SupIRBuck
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GRM188R71H103KA01D Datasheet(HTML) 9 Page - International Rectifier

Back Button GRM188R71H103KA01D Datasheet HTML 5Page - International Rectifier GRM188R71H103KA01D Datasheet HTML 6Page - International Rectifier GRM188R71H103KA01D Datasheet HTML 7Page - International Rectifier GRM188R71H103KA01D Datasheet HTML 8Page - International Rectifier GRM188R71H103KA01D Datasheet HTML 9Page - International Rectifier GRM188R71H103KA01D Datasheet HTML 10Page - International Rectifier GRM188R71H103KA01D Datasheet HTML 11Page - International Rectifier GRM188R71H103KA01D Datasheet HTML 12Page - International Rectifier GRM188R71H103KA01D Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
IR3892
9
www.irf.com
© 2013 International Rectifier
August 02, 2013
TYPICAL EFFICIENCY AND POWER LOSS CURVES
PVin = 12V, Vcc = Internal LDO, Io=0-6A, Fs= 600kHz, Room Temperature, No Air Flow. Note that the losses of
the inductor, input and output capacitors are also considered in the efficiency and power loss curves. The table
below shows the indicator used for each of the output voltages in the efficiency measurement while running a
single channel and disabling the other.
VOUT (V)
LOUT (uH)
P/N
DCR (mΩ)
1.0
0.82
SPM6550T-R82M (TDK)
4.2
1.2
1.0
SPM6550T-1R0M100A (TDK)
4.7
1.8
1.0
SPM6550T-1R0M100A (TDK)
4.7
3.3
2.2
7443340220 (Wurth Electronik)
4.4
5.0
2.2
7443340220 (Wurth Electronik)
4.4
 
 


Similar Part No. - GRM188R71H103KA01D

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
GRM188R71H103KA01D RFMD-GRM188R71H103KA01D Datasheet
906Kb / 11P
   50MHz TO 1000MHz, 15W GaN WIDEBAND
GRM188R71H103KA01D RFMD-GRM188R71H103KA01D Datasheet
1Mb / 11P
   30MHz TO 512MHz, 9W GaN WIDEBAND
GRM188R71H103KA01D RFMD-GRM188R71H103KA01D Datasheet
1Mb / 11P
   225MHz TO 1215MHz, 9W GaN WIDEBAND
logo
Texas Instruments
GRM188R71H103KA01D TI1-GRM188R71H103KA01D Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
logo
International Rectifier
GRM188R71H103KA01D IRF-GRM188R71H103KA01D Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
More results

Similar Description - GRM188R71H103KA01D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3473 IRF-IR3473 Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com