Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ-3EKF8451V Datasheet(PDF) 4 Page - International Rectifier

Part # ERJ-3EKF8451V
Description  Dual output, 6A/Phase, Highly Integrated SupIRBuck
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ERJ-3EKF8451V Datasheet(HTML) 4 Page - International Rectifier

  ERJ-3EKF8451V Datasheet HTML 1Page - International Rectifier ERJ-3EKF8451V Datasheet HTML 2Page - International Rectifier ERJ-3EKF8451V Datasheet HTML 3Page - International Rectifier ERJ-3EKF8451V Datasheet HTML 4Page - International Rectifier ERJ-3EKF8451V Datasheet HTML 5Page - International Rectifier ERJ-3EKF8451V Datasheet HTML 6Page - International Rectifier ERJ-3EKF8451V Datasheet HTML 7Page - International Rectifier ERJ-3EKF8451V Datasheet HTML 8Page - International Rectifier ERJ-3EKF8451V Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
IR3892
4
www.irf.com
© 2013 International Rectifier
August 02, 2013
PIN DESCRIPTIONS
PIN #
PIN NAME
PIN DESCRIPTION
1, 9
Vsns 1/2
Sense pins for over-voltage protection and PGood. A resistor divider
with the same ratio as the respective feedback resistor divider should be
connected between each Vsns pin and its respective Vout.
2, 8
EN 1/2
Enable pins for turning on and off the regulator.
3
Vin
Input voltage for Internal LDO. A 1.0µF capacitor should be connected
between this pin and PGnd. If external supply is connected to VCC pin,
this pin should be shorted to VCC pin.
4
VCC/LDO_out
Input Bias Voltage, output of the internal LDO. Place a minimum 2.2µF
cap from this pin to PGnd.
5
GND
Signal ground for internal reference and control circuitry.
6
Seq
Input to error amplifier for sequencing purposes. Can be left floating for
non-sequencing applications. It is only connected to the Error-Amplifier
of channel 2.
7
Rt/Sync
Multi-function pin to set switching frequency. Use an external resistor
from this pin to Gnd to set the free-running switching frequency. Or use
an external clock signal to connect to this pin through a diode, the
device’s switching frequency is synchronized with the external clock.
10, 31
FB 2/1
Inverting inputs to the error amplifiers. These pins are connected directly
to the outputs of the regulator via resistor dividers to set the output
voltages and provide feedback to the error amplifiers.
11, 30
Comp 2/1
Output of the error amplifiers. External resistor and capacitor networks
are typically connected from these pins to its respective Fb pin to provide
loop compensation.
12, 29
PGood 2/1
Power Good status pins are open drain outputs. The pins are typically
connected to VCC via pull up resistors.
13, 28
Boot 2/1
Supply voltages for high side drivers, 100nF capacitors should be
connected between these pins and their respective SW pin.
14, 15, 26,
27
PVin 2/1
Input voltage for power stage.
16, 17, 18,
23, 24, 25
PGnd 2/1
Power Ground. These pins serve as a separated ground for the
MOSFET drivers and should be connected to the system’s power ground
plane.
19, 20, 21,
22
SW 2/1
Switch nodes. These pins are connected to the output inductors.


Similar Part No. - ERJ-3EKF8451V

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
ERJ-3EKF8201V MICROCHIP-ERJ-3EKF8201V Datasheet
1Mb / 45P
   Evaluation Board (ADM00805) User?셲 Guide
11/07/16
ERJ-3EKF8201V MICROCHIP-ERJ-3EKF8201V Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
International Rectifier
ERJ-3EKF88R7V IRF-ERJ-3EKF88R7V Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
More results

Similar Description - ERJ-3EKF8451V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3473 IRF-IR3473 Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com