Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59PR9875N Datasheet(PDF) 2 Page - International Rectifier

Part # 59PR9875N
Description  16A Highly Integrated SupIRBuck
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

59PR9875N Datasheet(HTML) 2 Page - International Rectifier

  59PR9875N Datasheet HTML 1Page - International Rectifier 59PR9875N Datasheet HTML 2Page - International Rectifier 59PR9875N Datasheet HTML 3Page - International Rectifier 59PR9875N Datasheet HTML 4Page - International Rectifier 59PR9875N Datasheet HTML 5Page - International Rectifier 59PR9875N Datasheet HTML 6Page - International Rectifier 59PR9875N Datasheet HTML 7Page - International Rectifier 59PR9875N Datasheet HTML 8Page - International Rectifier 59PR9875N Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
- 2 -P
JANUARY 18, 2013    | DATA SHEET|    Rev 3.4
2
IR3895 
16A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97746
 
ORDERING INFORMATION 
  IR3895 ―         
       
 
 
 
Package
Tape & Reel Qty 
Part Number
750 
IR3895MTR1PBF 
4000 
IR3895MTRPBF 
PIN DIAGRAM 
5m x 6mm POWER QFN 
(TOP VIEW) 
PBF
 – Lead Free 
TR/TR1 – Tape and Reel 
M – Package Type 
-
30
/
2/
JA
JPCB
CW
CW
 



Similar Part No. - 59PR9875N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
59PR9875N IRF-59PR9875N Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
59PR9875N IRF-59PR9875N Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
59PR9875N IRF-59PR9875N Datasheet
4Mb / 14P
   USER GUIDE FOR IR3895 EVALUATION BOARD
59PR9875N IRF-59PR9875N Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
59PR9875N IRF-59PR9875N Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
More results

Similar Description - 59PR9875N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3448 IRF-IR3448 Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com