Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2012X5R0J476M Datasheet(PDF) 5 Page - International Rectifier

Part # C2012X5R0J476M
Description  16A Highly Integrated SupIRBuck
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

C2012X5R0J476M Datasheet(HTML) 5 Page - International Rectifier

  C2012X5R0J476M Datasheet HTML 1Page - International Rectifier C2012X5R0J476M Datasheet HTML 2Page - International Rectifier C2012X5R0J476M Datasheet HTML 3Page - International Rectifier C2012X5R0J476M Datasheet HTML 4Page - International Rectifier C2012X5R0J476M Datasheet HTML 5Page - International Rectifier C2012X5R0J476M Datasheet HTML 6Page - International Rectifier C2012X5R0J476M Datasheet HTML 7Page - International Rectifier C2012X5R0J476M Datasheet HTML 8Page - International Rectifier C2012X5R0J476M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
- 5 -P
JANUARY 18, 2013    | DATA SHEET|    Rev 3.4
5
IR3895 
16A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97746
ABSOLUTE MAXIMUM RATINGS 
 
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are 
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the 
operational sections of the specifications are not implied. 
 
PVin, Vin 
‐0.3V  to  25V 
Vcc/LDO_Out ‐0.3V  to  8V (Note 2) 
Boot 
‐0.3V  to  33V 
SW ‐0.3V  to  25V (DC), ‐4V to 25V (AC, 100ns) 
Boot to SW 
‐0.3V  to  VCC + 0.3V (Note 1) 
S_Ctrl, PGood ‐0.3V  to  VCC + 0.3V (Note 1) 
Other Input/Output Pins 
‐0.3V  to  +3.9V 
PGnd to Gnd ‐0.3V  to  +0.3V 
Storage Temperature Range 
‐55°C  to  150°C 
Junction Temperature Range ‐40°C  to  150°C (Note 2) 
ESD Classification (HBM JESD22‐A114) 
2kV 
Moisture Sensitivity Level 
JEDEC Level 2@260°C  
 
Note 1: Must not exceed 8V 
Note 2: Vcc must not exceed 7.5V for Junction Temperature between ‐10°C and ‐40°C 
 
 


Similar Part No. - C2012X5R0J476M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
C2012X5R0J476M IRF-C2012X5R0J476M Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
C2012X5R0J476M IRF-C2012X5R0J476M Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Texas Instruments
C2012X5R0J476M TI1-C2012X5R0J476M Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
logo
International Rectifier
C2012X5R0J476M IRF-C2012X5R0J476M Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
C2012X5R0J476M IRF-C2012X5R0J476M Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
More results

Similar Description - C2012X5R0J476M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3448 IRF-IR3448 Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3477 IRF-IR3477 Datasheet
904Kb / 21P
   15A Highly Integrated SupIRBuck Constant On.Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com