Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMCJ11CA Datasheet(PDF) 1 Page - Yea Shin Technology Co., Ltd

Part # 5.0SMCJ11CA
Description  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

5.0SMCJ11CA Datasheet(HTML) 1 Page - Yea Shin Technology Co., Ltd

  5.0SMCJ11CA Datasheet HTML 1Page - Yea Shin Technology Co., Ltd 5.0SMCJ11CA Datasheet HTML 2Page - Yea Shin Technology Co., Ltd 5.0SMCJ11CA Datasheet HTML 3Page - Yea Shin Technology Co., Ltd 5.0SMCJ11CA Datasheet HTML 4Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA SHEET
SEMICONDUCTOR
http://www.yeashin.com
1
REV.02 20130822
5.0SMCJ Series
Working Voltage: 11 to 440 V
Peak Pulse Power: 5000 W
Surface Mount
Transient Voltage Suppressors
Features
Glass passivated chip
SMC/ DO-214AB
5000 W peak pulse power capability with a
10/1000 s waveform, repetitive rate (duty
cycle):0.01 %
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
Very fast response time
RoHS compliant
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solderable per MIL-STD-750, method
2026
Polarity: Color band denotes cathode end
except Bipolar
Mounting position: Any
0.32
0.305
[8.02
7.64
]
0.06
0.03
[1.51
0.75
]
0.008
0
[0.20
0.00
]
0.103
0.079
[2.59
1.98
]
0.012
0.006
[0.30
0.15
]
0.245
0.22
[6.15
5.52
]
0.126
0.114
[3.16
2.86
]
0.28
0.26
[7.02
6.52
]
Dimensions : inch [ mm ]
Note:
(3)VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
Maximum Ratings(TA=25 unless otherwise noted)
Parameter
Symbol
Value
UNIT
Peak power dissipation with a 10/1000 s waveform(1)
PPP
5000
W
Peak pulse current wih a 10/1000 s waveform(1)
IPP
See Next Table
A
Power dissipation on infinite heatsink at TL = 75 °C
PD
6.5
W
Peak forward surge current, 8.3 ms single half sine-
wave unidirectional only(2)
IFSM
300
A
Maximum instantaneous forward voltage at 100 A for
unidirectional only(3)
VF
3.5/5.0
V
Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C
(1)Non-repetitive current pulse per Fig.5 and derated above TA= 25 °C per Fig.1
(2)Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
0.32
0.305
[8.02
7.64
]
0.06
0.03
[1.51
0.75
]
0.008
0
[0.20
0.00
]
0.103
0.079
[2.59
1.98
]
0.012
0.006
[0.30
0.15
]
0.245
0.22
[6.15
5.52
]
0.126
0.114
[3.16
2.86
]
0.28
0.26
[7.02
6.52
]
Dimensions : inch [ mm ]


Similar Part No. - 5.0SMCJ11CA

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
5.0SMCJ11CA RECTRON-5.0SMCJ11CA Datasheet
521Kb / 6P
   Reverse Voltage 11 ~ 440 V 5000 Watt Peak Pulse Power
More results

Similar Description - 5.0SMCJ11CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com