Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX55B4V3 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # BZX55B4V3
Description  500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

BZX55B4V3 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  BZX55B4V3 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd BZX55B4V3 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd BZX55B4V3 Datasheet HTML 3Page - Yea Shin Technology Co., Ltd BZX55B4V3 Datasheet HTML 4Page - Yea Shin Technology Co., Ltd BZX55B4V3 Datasheet HTML 5Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
http://www.yeashin.com
2
REV.02 20121003
Electrical Characteristics
TA = 25°C unless otherwise noted
VZ @ IZT
(Volts)
Device Type
Min
Max
IZT
(mA)
ZZT @ IZT
( )
Max
IZK
(mA)
ZZK @ IZK
( )
Max
IR @ VR
( A)
Max
VR
(Volts)
BZX55C 15
13.8
15.6
5
30
1
110
0.1
11
BZX55C 16
15.3
17.1
5
40
1
170
0.1
12
BZX55C 18
16.8
19.1
5
50
1
170
0.1
13
BZX55C 20
18.8
21.1
5
55
1
220
0.1
15
BZX55C 22
20.8
23.3
5
55
1
220
0.1
16
BZX55C 24
22.8
25.6
5
80
1
220
0.1
18
BZX55C 27
25.1
28.9
5
80
1
220
0.1
20
BZX55C 30
28
32
5
80
1
220
0.1
22
BZX55C 33
31
35
5
80
1
220
0.1
24
BZX55C 36
34
38
5
80
1
220
0.1
27
BZX55C 39
37
41
2.5
90
0.5
500
0.1
28
BZX55C 43
40
46
2.5
90
0.5
600
0.1
32
BZX55C 47
44
50
2.5
110
0.5
700
0.1
35
BZX55C 51
48
54
2.5
125
0.5
700
0.1
38
BZX55C 56
52
60
2.5
135
0.5
1000
0.1
42
BZX55C 62
58
66
2.5
150
0.5
1000
0.1
47
BZX55C 68
64
72
2.5
160
0.5
1000
0.1
51
BZX55C 75
70
80
2.5
170
0.5
1000
0.1
56
VF Forward Voltage = 1.0 V Maximum @ IF = 100 mA for all types
VZ @ IZT
(Volts)
Device Type
Min
Max
IZT
(mA)
ZZT @ IZT
( )
Max
IZK
(mA)
ZZK @ IZK
( )
Max
IR @ VR
( A)
Max
VR
(Volts)
BZX55B 2V4
2.35
2.45
5
85
1
600
50
1
BZX55B 2V7
2.65
2.75
5
85
1
600
10
1
BZX55B 3V0
2.94
3.06
5
85
1
600
4
1
BZX55B 3V3
3.23
3.37
5
85
1
600
2
1
BZX55B 3V6
3.53
3.67
5
85
1
600
2
1
BZX55B 3V9
3.82
3.98
5
85
1
600
2
1
BZX55B 4V3
4.21
4.39
5
75
1
600
1
1
BZX55B 4V7
4.61
4.79
5
60
1
600
0.5
1
BZX55B 5V1
5.00
5.20
5
35
1
550
0.1
1
BZX55B 5V6
5.49
5.71
5
25
1
450
0.1
1
BZX55B 6V2
6.08
6.32
5
10
1
200
0.1
2
BZX55B 6V8
6.66
6.94
5
8
1
150
0.1
3
BZX55B 7V5
7.33
7.63
5
7
1
50
0.1
5
BZX55B 8V2
8.04
8.36
5
7
1
50
0.1
6.2
BZX55B 9V1
8.92
9.28
5
10
1
50
0.1
6.8
BZX55B 10
9.80
10.20
5
15
1
70
0.1
7.5
BZX55B 11
10.78
11.22
5
20
1
70
0.1
8.2
BZX55B 12
11.76
12.24
5
20
1
90
0.1
9.1
BZX55B 13
12.74
13.26
5
26
1
110
0.1
10
BZX55B 15
14.70
15.30
5
30
1
110
0.1
11
BZX55B 16
15.68
16.32
5
40
1
170
0.1
12
BZX55B 18
17.64
18.36
5
50
1
170
0.1
13
BZX55B 20
19.60
20.40
5
55
1
220
0.1
15
BZX55B 22
21.56
22.44
5
55
1
220
0.1
16
BZX55B 24
23.52
24.48
5
80
1
220
0.1
18
BZX55B 27
26.46
27.54
5
80
1
220
0.1
20
BZX55B 30
29.40
30.60
5
80
1
220
0.1
22
BZX55B 33
32.34
33.66
5
80
1
220
0.1
24
BZX55B 36
35.28
36.72
5
80
1
220
0.1
27
BZX55B 39
38.22
39.78
2.5
90
0.5
500
0.1
28
BZX55B 43
42.14
43.86
2.5
90
0.5
600
0.1
32
BZX55B 47
46.06
47.94
2.5
110
0.5
700
0.1
35
BZX55C/B Series


Similar Part No. - BZX55B4V3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX55B4V3 VISHAY-BZX55B4V3 Datasheet
69Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZX55B4V3 NJSEMI-BZX55B4V3 Datasheet
133Kb / 2P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZX55B4V3 VISHAY-BZX55B4V3 Datasheet
137Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 05-Jul-07
logo
Taiwan Semiconductor Co...
BZX55B4V3 TSC-BZX55B4V3 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
EIC discrete Semiconduc...
BZX55B4V3 EIC-BZX55B4V3 Datasheet
41Kb / 2P
   SILICON ZENER DIODES
More results

Similar Description - BZX55B4V3

ManufacturerPart #DatasheetDescription
logo
Tak Cheong Electronics ...
BZX79C110 TAK_CHEONG-BZX79C110_10 Datasheet
178Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Yea Shin Technology Co....
ZX2V0 YEASHIN-ZX2V0 Datasheet
815Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
ZL2V4B YEASHIN-ZL2V4B Datasheet
604Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B YEASHIN-1N5221B Datasheet
1Mb / 10P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Tak Cheong Electronics ...
TCBZX55C2V0 TAK_CHEONG-TCBZX55C2V0 Datasheet
181Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCZL2V4B TAK_CHEONG-TCZL2V4B Datasheet
174Kb / 5P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N750A TAK_CHEONG-1N750A Datasheet
316Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N4370A TAK_CHEONG-1N4370A Datasheet
166Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TC1N5221B TAK_CHEONG-TC1N5221B Datasheet
92Kb / 3P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
TCRD2V2 TAK_CHEONG-TCRD2V2 Datasheet
173Kb / 6P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
1N5221B TAK_CHEONG-1N5221B Datasheet
133Kb / 4P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com